Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 484 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 484 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 480Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 481Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 482Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 483Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 484Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 485Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 486Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 487Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 488Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 484
Preliminary
 2010 Microchip Technology Inc.
CALLW ............................................................................. 411
Capture Module. See Enhanced Capture/Compare/PWM
(ECCP)
Capture/Compare/PWM ................................................... 177
Capture/Compare/PWM (CCP)
Associated Registers w/ Capture
.......................................... 179, 180, 183, 187, 201
Associated Registers w/ Compare ........................... 182
Associated Registers w/ PWM ......................... 187, 200
Capture Mode .......................................................... 178
CCPx Pin Configuration ........................................... 178
Compare Mode ........................................................ 181
CCPx Pin Configuration ................................... 181
Software Interrupt Mode .......................... 178, 181
Special Event Trigger ....................................... 182
Timer1 Mode Resource ........................... 178, 181
Prescaler .................................................................. 179
PWM Mode
Duty Cycle ........................................................ 185
Effects of Reset ................................................ 186
Example PWM Frequencies and
Resolutions, 20 MHZ ............................... 186
Example PWM Frequencies and
Resolutions, 32 MHZ ............................... 186
Example PWM Frequencies and
Resolutions, 8 MHz .................................. 186
Operation in Sleep Mode ................................. 186
Resolution ........................................................ 186
System Clock Frequency Changes .................. 186
PWM Operation ....................................................... 184
PWM Overview ........................................................ 184
PWM Period ............................................................. 185
PWM Setup .............................................................. 184
CCPTMRS0 Register ....................................................... 204
CCPTMRS1 Register ....................................................... 204
CCPxCON (ECCPx) Register .......................................... 201
Clock Accuracy with Asynchronous Operation ................ 272
Clock Sources
External Modes .......................................................... 34
EC ...................................................................... 34
HS ...................................................................... 35
LP ....................................................................... 35
OST .................................................................... 34
RC ...................................................................... 36
XT ...................................................................... 35
Internal Modes ........................................................... 36
Frequency Selection .......................................... 38
INTOSC ............................................................. 36
INTOSCIO .......................................................... 36
LFINTOSC ......................................................... 38
Selecting the 31 kHz Source ...................................... 29
Selection Using OSCCON Register ........................... 29
Clock Switching .................................................................. 41
CLRF ................................................................................ 383
CLRWDT .......................................................................... 383
CM1CON0 Register ......................................................... 310
CM2CON0 Register ......................................................... 311
CM2CON1 Register ......................................................... 314
Code Examples
16 x 16 Signed Multiply Routine .............................. 112
16 x 16 Unsigned Multiply Routine .......................... 112
8 x 8 Signed Multiply Routine .................................. 111
8 x 8 Unsigned Multiply Routine .............................. 111
A/D Conversion ........................................................ 297
Capacitance Calibration Routine ............................. 324
Capacitive Touch Switch Routine ............................ 326
Changing Between Capture Prescalers ................... 179
Clearing RAM Using Indirect Addressing .................. 90
Computed GOTO Using an Offset Value ................... 73
Current Calibration Routine ..................................... 322
Data EEPROM Read ............................................... 107
Data EEPROM Refresh Routine .............................. 108
Data EEPROM Write ............................................... 107
Erasing a Flash Program Memory Row ................... 100
Fast Register Stack ................................................... 73
Initializing PORTA .................................................... 133
Initializing PORTB .................................................... 138
Initializing PORTC ................................................... 142
Initializing PORTD ................................................... 146
Initializing PORTE .................................................... 149
Reading a Flash Program Memory Word .................. 99
Saving Status, WREG and BSR Registers in RAM . 131
Setup for CTMU Calibration Routines ..................... 321
Writing to Flash Program Memory ................... 102–103
Code Protection ............................................................... 349
COMF .............................................................................. 384
Comparator
Associated Registers ............................................... 315
Operation ................................................................. 305
Operation During Sleep ........................................... 309
Response Time ........................................................ 307
Comparator Module
C1 Output State Versus Input Conditions ................ 307
Comparator Specifications ............................................... 439
Comparator Voltage Reference (CVREF)
Effects of a Reset .................................................... 309
Comparator Voltage Reference (CVREF)
Response Time ........................................................ 307
Comparators
C2OUT as T1 Gate .................................................. 164
Effects of a Reset .................................................... 309
Compare Module. See Enhanced Capture/Compare/
PWM (ECCP)
Computed GOTO ............................................................... 73
CONFIG1H Register ........................................................ 351
CONFIG2H Register ........................................................ 353
CONFIG2L Register ........................................................ 352
CONFIG3H Register ........................................................ 354
CONFIG4L Register ........................................................ 355
CONFIG5H Register ........................................................ 356
CONFIG5L Register ........................................................ 355
CONFIG6H Register ........................................................ 357
CONFIG6L Register ........................................................ 356
CONFIG7H Register ........................................................ 358
CONFIG7L Register ........................................................ 357
Configuration Bits ............................................................ 349
Configuration Register Protection .................................... 365
Context Saving During Interrupts ..................................... 131
CPFSEQ .......................................................................... 384
CPFSGT .......................................................................... 385
CPFSLT ........................................................................... 385
CTMU
Associated Registers ............................................... 331
Calibrating ............................................................... 320
Creating a Delay with ............................................... 328
Effects of a Reset .................................................... 329
Initialization .............................................................. 319
Measuring Capacitance with .................................... 325
Measuring Time with ................................................ 327
Operation ................................................................. 318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com