Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 123Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 124Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 125Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 126Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 127Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 128Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 129Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 130Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 127
PIC18(L)F2X/4XK22
9.7
IPR Registers
The IPR registers contain the individual priority bits for the
peripheral interrupts. Due to the number of peripheral
interrupt sources, there are five Peripheral Interrupt
Priority registers (IPR1, IPR2, IPR3, IPR4 and IPR5).
Using the priority bits requires that the Interrupt Priority
Enable (IPEN) bit be set.
REGISTER 9-14:
IPR1: PERIPHERAL INTERRUPT PRIORITY REGISTER 1
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIP: A/D Converter Interrupt Priority bit
1 = High priority
0 = Low priority
bit 5
RC1IP: EUSART1 Receive Interrupt Priority bit
1 = High priority
0 = Low priority
bit 4
TX1IP: EUSART1 Transmit Interrupt Priority bit
1 = High priority
0 = Low priority
bit 3
SSP1IP: Master Synchronous Serial Port 1 Interrupt Priority bit
1 = High priority
0 = Low priority
bit 2
CCP1IP: CCP1 Interrupt Priority bit
1 = High priority
0 = Low priority
bit 1
TMR2IP: TMR2 to PR2 Match Interrupt Priority bit
1 = High priority
0 = Low priority
bit 0
TMR1IP: TMR1 Overflow Interrupt Priority bit
1 = High priority
0 = Low priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com