Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 134Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 135Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 136Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 137Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 138Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 139Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 140Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 141Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 138
Preliminary
 2010 Microchip Technology Inc.
10.2
PORTB Registers
PORTB is an 8-bit wide, bidirectional port. The
corresponding data direction register is TRISB. Setting
a TRISB bit (= 1) will make the corresponding PORTB
pin an input (i.e., disable the output driver). Clearing a
TRISB bit (= 0) will make the corresponding PORTB
pin an output (i.e., enable the output driver and put the
contents of the output latch on the selected pin).
The Data Latch register (LATB) is also memory
mapped. Read-modify-write operations on the LATB
register read and write the latched output value for
PORTB.
EXAMPLE 10-2:
INITIALIZING PORTB
10.2.1
PORTB OUTPUT PRIORITY
Each PORTB pin is multiplexed with other functions.
The pins, their combined functions and their output
priorities are briefly described here. For additional
information, refer to the appropriate section in this data
sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the higher priority.
Table 10-4 lists the PORTB pin functions from the
highest to the lowest priority.
Analog input functions, such as ADC, comparator and
SR Latch inputs, are not shown in the priority lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx registers. Digital
output functions may control the pin when it is in Analog
mode with the priority shown below.
10.3
Additional PORTB Pin Functions
PORTB pins RB<7:4> have an interrupt-on-change
option. All PORTB pins have a weak pull-up option.
10.3.1
WEAK PULL-UPS
Each of the PORTB pins has an individually controlled
weak internal pull-up. When set, each bit of the WPUB
register enables the corresponding pin pull-up. When
cleared, the RBPU bit of the INTCON2 register enables
pull-ups on all pins which also have their corresponding
WPUB bit set. When set, the RBPU bit disables all
weak pull-ups. The weak pull-up is automatically turned
off when the port pin is configured as an output. The
pull-ups are disabled on a Power-on Reset.
10.3.2
INTERRUPT-ON-CHANGE
Four of the PORTB pins (RB<7:4>) are individually
configurable as interrupt-on-change pins. Control bits
in the IOCB register enable (when set) or disable (when
clear) the interrupt function for each pin.
When set, the RBIE bit of the INTCON register enables
interrupts on all pins which also have their
corresponding IOCB bit set. When clear, the RBIE bit
disables all interrupt-on-changes.
Only pins configured as inputs can cause this interrupt
to occur (i.e., any RB<7:4> pin configured as an output
is excluded from the interrupt-on-change comparison).
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
PORTB. The ‘mismatch’ outputs of the last read are
OR’d together to set the PORTB Change Interrupt flag
bit (RBIF) in the INTCON register.
This interrupt can wake the device from the Sleep
mode, or any of the Idle modes. The user, in the
Interrupt Service Routine, can clear the interrupt in the
following manner:
a) Any read or write of PORTB to clear the mis-
match condition (except when PORTB is the
source or destination of a MOVFF instruction).
b) Execute at least one instruction after reading or
writing PORTB, then clear the flag bit, RBIF.
MOVLB
0xF
; Set BSR for banked SFRs
CLRF
PORTB
; Initialize PORTB by
; clearing output
; data latches
CLRF
LATB
; Alternate method
; to clear output
; data latches
MOVLW
0F0h
; Value for init
MOVWF
ANSELB ; Enable RB<3:0> for
; digital input pins
; (not required if config bit
; PBADEN is clear)
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISB
; Set RB<3:0> as inputs
; RB<5:4> as outputs
; RB<7:6> as inputs
Note:
On a Power-on Reset, RB<5:0> are
configured as analog inputs by default and
read as ‘0’; RB<7:6> are configured as
digital inputs.
When the PBADEN Configuration bit is set
to ‘1’, RB<5:0> will alternatively be
configured as digital inputs on POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com