Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 142Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 143Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 144Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 145Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 146Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 147Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 148Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 149Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 146
Preliminary
 2010 Microchip Technology Inc.
10.5
PORTD Registers
PORTD is an 8-bit wide, bidirectional port. The
corresponding data direction register is TRISD. Setting
a TRISD bit (= 1) will make the corresponding PORTD
pin an input (i.e., disable the output driver). Clearing a
TRISD bit (= 0) will make the corresponding PORTD
pin an output (i.e., enable the output driver and put the
contents of the output latch on the selected pin).
The Data Latch register (LATD) is also memory
mapped. Read-modify-write operations on the LATD
register read and write the latched output value for
PORTD.
All pins on PORTD are implemented with Schmitt
Trigger input buffers. Each pin is individually
configurable as an input or output.
All of the PORTD pins are multiplexed with analog and
digital peripheral modules. See Table .
EXAMPLE 10-4:
INITIALIZING PORTD
10.5.1
PORTD OUTPUT PRIORITY
Each PORTD pin is multiplexed with other functions.
The pins, their combined functions and their output
priorities are briefly described here. For additional
information, refer to the appropriate section in this data
sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the higher priority.
Table 10-4 lists the PORTD pin functions from the
highest to the lowest priority.
Analog input functions, such as ADC, comparator and
SR Latch inputs, are not shown in the priority lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx registers. Digital
output functions may control the pin when it is in Analog
mode with the priority shown below.
Note:
PORTD is only available on 40-pin and 44-
pin devices.
Note:
On a Power-on Reset, these pins are
configured as analog inputs.
MOVLB
0xF
; Set BSR for banked SFRs
CLRF
PORTD
; Initialize PORTD by
; clearing output
; data latches
CLRF
LATD
; Alternate method
; to clear output
; data latches
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISD
; Set RD<3:0> as inputs
; RD<5:4> as outputs
; RD<7:6> as inputs
MOVLW
30h
; Value used to
; enable digital inputs
MOVWF
ANSELD ; RD<3:0> dig input enable
; RC<7:6> dig input enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com