Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 147Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 148Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 149Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 150Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 151Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 152Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 153Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 154Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 151
PIC18(L)F2X/4XK22
10.7
Port Analog Control
Most port pins are multiplexed with analog functions
such
as
the
Analog-to-Digital
Converter
and
comparators. When these I/O pins are to be used as
analog inputs it is necessary to disable the digital input
buffer to avoid excessive current caused by improper
biasing of the digital input. Individual control of the
digital input buffers on pins which share analog
functions is provided by the ANSELA, ANSELB,
ANSELC, ANSELD and ANSELE registers. Setting an
ANSx bit high will disable the associated digital input
buffer and cause all reads of that pin to return ‘0’ while
allowing analog functions of that pin to operate
correctly.
The state of the ANSx bits has no affect on digital
output functions. A pin with the associated TRISx bit
clear and ANSx bit set will still operate as a digital
output but the input mode will be analog. This can
cause unexpected behavior when performing read-
modify-write operations on the affected port.
All ANSEL register bits default to ‘1’ upon POR and
BOR, disabling digital inputs for their associated port
pins. All TRIS register bits default to ‘1’ upon POR or
BOR, disabling digital outputs for their associated port
pins. As a result, all port pins that have an ANSEL
register will default to analog inputs upon POR or BOR.
10.8
Port Slew Rate Control
The output slew rate of each port is programmable to
select either the standard transition rate or a reduced
transition rate of approximately 0.1 times the standard
to minimize EMI. The reduced transition time is the
default slew rate for all ports.
TABLE 10-16: CONFIGURATION REGISTERS ASSOCIATED WITH PORTE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
CONFIG3H
MCLRE
—
P2BMX
T3CMX
HFOFST CCP3MX PBADEN CCP2MX
354
CONFIG4L
DEBUG
XINST
—
—
—
LVP(1)
—
STRVEN
355
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for Interrupts.
Note 1:
Can only be changed when in high voltage programming mode.
REGISTER 10-1:
PORTX(1): PORTx REGISTER
R/W-u/x
R/W-u/x
R/W-u/x
R/W-u/x
R/W-u/x
R/W-u/x
R/W-u/x
R/W-u/x
Rx7
Rx6
Rx5
Rx4
Rx3
Rx2
Rx1
Rx0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
bit 7-0
Rx<7:0>: PORTx I/O bit values(2)
Note 1:
Register Description for PORTA, PORTB, PORTC and PORTD.
2:
Writes to PORTx are written to corresponding LATx register. Reads from PORTx register is return of I/O
pin values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com