Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 159Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 160Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 161Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 162Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 163Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 164Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 165Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 166Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 163
PIC18(L)F2X/4XK22
12.3
Timer1/3/5 Prescaler
Timer1/3/5 has four prescaler options allowing 1, 2, 4 or
8 divisions of the clock input. The TxCKPS bits of the
TxCON register control the prescale counter. The
prescale counter is not directly readable or writable;
however, the prescaler counter is cleared upon a write to
TMRxH or TMRxL.
12.4
Secondary Oscillator
A
dedicated
secondary
low-power
32.768 kHz
oscillator circuit is built-in between pins SOSCI (input)
and SOSCO (amplifier output). This internal circuit is to
be used in conjunction with an external 32.768 kHz
crystal.
The oscillator circuit is enabled by setting the
TxSOSCEN bit of the TxCON register, the SOSCGO bit
of the OSCCON2 register or by selecting the
secondary oscillator as the system clock by setting
SCS<1:0> = 01 in the OSCCON register. The oscillator
will continue to run during Sleep.
12.5
Timer1/3/5 Operation in
Asynchronous Counter Mode
If control bit TxSYNC of the TxCON register is set, the
external clock input is not synchronized. The timer
increments asynchronously to the internal phase
clocks. If external clock source is selected then the
timer will continue to run during Sleep and can
generate an interrupt on overflow, which will wake-up
the processor. However, special precautions in
software are needed to read/write the timer (see
Section 12.5.1 “Reading and Writing Timer1/3/5 in
Asynchronous Counter Mode”).
12.5.1
READING AND WRITING
TIMER1/3/5 IN ASYNCHRONOUS
COUNTER MODE
Reading TMRxH or TMRxL while the timer is running
from an external asynchronous clock will ensure a valid
read (taken care of in hardware). However, the user
should keep in mind that reading the 16-bit timer in two
8-bit values itself, poses certain problems, since the
timer may overflow between the reads. For writes, it is
recommended that the user simply stop the timer and
write the desired values. A write contention may occur
by writing to the timer registers, while the register is
incrementing. This may produce an unpredictable
value in the TMRxH:TMRxL register pair.
12.6
Timer1/3/5 16-Bit Read/Write Mode
Timer1/3/5 can be configured to read and write all 16
bits of data, to and from, the 8-bit TMRxL and TMRxH
registers, simultaneously. The 16-bit read and write
operations are enabled by setting the RD16 bit of the
TxCON register.
To accomplish this function, the TMRxH register value
is mapped to a buffer register called the TMRxH buffer
register. While in 16-Bit mode, the TMRxH register is
not directly readable or writable and all read and write
operations take place through the use of this TMRxH
buffer register.
When a read from the TMRxL register is requested, the
value of the TMRxH register is simultaneously loaded
into the TMRxH buffer register. When a read from the
TMRxH register is requested, the value is provided
from the TMRxH buffer register instead. This provides
the user with the ability to accurately read all 16 bits of
the Timer1/3/5 value from a single instance in time.
In contrast, when not in 16-Bit mode, the user must
read each register separately and determine if the
values have become invalid due to a rollover that may
have occurred between the read operations.
When a write request of the TMRxL register is
requested, the TMRxH buffer register is simultaneously
updated with the contents of the TMRxH register. The
value of TMRxH must be preloaded into the TMRxH
buffer register prior to the write request for the TMRxL
register. This provides the user with the ability to write
all 16 bits to the TMRxL:TMRxH register pair at the
same time.
Any requests to write to the TMRxH directly does not
clear the Timer1/3/5 prescaler value. The prescaler
value is only cleared through write requests to the
TMRxL register.
Note:
The oscillator requires a start-up and
stabilization time before use. Thus,
TxSOSCEN should be set and a suitable
delay
observed
prior
to
enabling
Timer1/3/5.
Note:
When switching from synchronous to
asynchronous operation, it is possible to
skip an increment. When switching from
asynchronous to synchronous operation,
it is possible to produce an additional
increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com