Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 172Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 173Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 174Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 175Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 176Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 177Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 178Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 179Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 176
Preliminary
 2010 Microchip Technology Inc.
TABLE 13-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2/4/6
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCPTMRS0
C3TSEL<1:0>
—
C2TSEL<1:0>
—
C1TSEL<1:0>
204
CCPTMRS1
—
—
—
—
C5TSEL<1:0>
C4TSEL<1:0>
204
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR5
—
—
—
—
—TMR6IP
TMR5IP
TMR4IP
130
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
PIE5
—
—
—
—
—TMR6IE
TMR5IE
TMR4IE
126
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR5
—
—
—
—
—TMR6IF
TMR5IF
TMR4IF
122
PMD0
UART2MD UART1MD
TMR6MD TMR5MD TMR4MD TMR3MD TMR2MD
TMR1MD
56
PR2
Timer2 Period Register
—
PR4
Timer4 Period Register
—
PR6
Timer6 Period Register
—
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
170
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
170
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
170
TMR2
Timer2 Register
—
TMR4
Timer4 Register
—
TMR6
Timer6 Register
—
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used by Timer2/4/6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com