Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 196Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 197Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 198Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 199Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 200Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 201Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 202Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 203Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 200
Preliminary
 2010 Microchip Technology Inc.
TABLE 14-13: REGISTERS ASSOCIATED WITH ENHANCED PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ECCP1AS
CCP1ASE
CCP1AS<2:0>
P1SSAC<1:0>
P1SSBD<1:0>
205
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
201
ECCP2AS
CCP2ASE
CCP2AS<2:0>
P2SSAC<1:0>
P2SSBD<1:0>
205
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
201
ECCP3AS
CCP3ASE
CCP3AS<2:0>
P3SSAC<1:0>
P3SSBD<1:0>
205
CCP3CON
P3M<1:0>
DC3B<1:0>
CCP3M<3:0>
201
CCPTMRS0
C3TSEL<1:0>
—
C2TSEL<1:0>
—
C1TSEL<1:0>
204
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—
ADIP
RCxIP
TXxIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
127
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP
CCP2IP
128
IPR4
—
—
—
—
—
CCP5IP
CCP4IP
CCP3IP
130
PIE1
—
ADIE
RCxIE
TXxIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
123
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
124
PIE4
—
—
—
—
—
CCP5IE
CCP4IE
CCP3IE
126
PIR1
—
ADIF
RCxIF
TXxIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
118
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
119
PIR4
—
—
—
—
—
CCP5IF
CCP4IF
CCP3IF
121
PMD0
UART2MD
UART1MD
TMR6MD
TMR5MD
TMR4MD
TMR3MD
TMR2MD
TMR1MD
56
PMD1
MSSP2MD
MSSP1MD
—
CCP5MD
CCP4MD
CCP3MD
CCP2MD
CCP1MD
57
PR2
Timer2 Period Register
—
PR4
Timer4 Period Register
—
PR6
Timer6 Period Register
—
PSTR1CON
—
—
—
STR1SYNC
STR1D
STR1C
STR1B
STR1A
206
PSTR2CON
—
—
—
STR2SYNC
STR2D
STR2C
STR2B
STR2A
206
PSTR3CON
—
—
—
STR3SYNC
STR3D
STR3C
STR3B
STR3A
206
PWM1CON
P1RSEN
P1DC<6:0>
206
PWM2CON
P2RSEN
P2DC<6:0>
206
PWM3CON
P3RSEN
P3DC<6:0>
206
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
170
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
170
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
170
TMR2
Timer2 Module Register
—
TMR4
Timer4 Module Register
—
TMR6
Timer6 Module Register
—
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
154
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
154
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
154
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
154
TRISE
WPUE3
—
—
—
—
TRISE2(1)
TRISE1(1)
TRISE0(1)
154
Legend: — = Unimplemented location, read as ‘0’. Shaded bits are not used by Capture mode.
Note
1:
These registers/bits are available on PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com