Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 17Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 18Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 19Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 20Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 21Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 22Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 23Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 24Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 21
PIC18(L)F2X/4XK22
20
17
VDD
P
—
Positive supply for logic and I/O pins.
8, 19
5, 16
VSS
P
—
Ground reference for logic and I/O pins.
TABLE 1-2:
PIC18(L)F2XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
QFN,
UQFN
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.
TABLE 1-3:
PIC18(L)F4XK22 PINOUT I/O DESCRIPTIONS
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP
TQFP
QFN
UQFN
219
19
17
RA0/C12IN0-/AN0
RA0
I/O
TTL
Digital I/O.
C12IN0-
I
Analog Comparators C1 and C2 inverting input.
AN0
I
Analog Analog input 0.
320
20
18
RA1/C12IN1-/AN1
RA1
I/O
TTL
Digital I/O.
C12IN1-
I
Analog Comparators C1 and C2 inverting input.
AN1
I
Analog Analog input 1.
421
21
19
RA2/C2IN+/AN2/DACOUT/VREF-
RA2
I/O
TTL
Digital I/O.
C2IN+
I
Analog Comparator C2 non-inverting input.
AN2
I
Analog Analog input 2.
DACOUT
O
Analog DAC Reference output.
VREF-
I
Analog A/D reference voltage (low) input.
522
22
20
RA3/C1IN+/AN3/VREF+
RA3
I/O
TTL
Digital I/O.
C1IN+
I
Analog Comparator C1 non-inverting input.
AN3
I
Analog Analog input 3.
VREF+
I
Analog A/D reference voltage (high) input.
623
23
21
RA4/C1OUT/SRQ/T0CKI
RA4
I/O
TTL
Digital I/O.
C1OUT
O
CMOS Comparator C1 output.
SRQ
O
TTL
SR Latch Q output.
T0CKI
I
ST
Timer0 external clock input.
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note
1: Default pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX, CCP3MX
and CCP2MX are set.
2: Alternate pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX,
CCP3MX and CCP2MX are clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com