Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 19Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 20Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 21Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 22Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 23Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 24Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 25Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 26Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 23
PIC18(L)F2X/4XK22
37
14
14
12
RB4/IOC0/T5G/AN11
RB4
I/O
TTL
Digital I/O.
IOC0
I
TTL
Interrupt-on-change pin.
T5G
I
ST
Timer5 external clock gate input.
AN11
I
Analog Analog input 11.
38
15
15
13
RB5/IOC1/P3A/CCP3/T3CKI/T1G/AN13
RB5
I/O
TTL
Digital I/O.
IOC1
I
TTL
Interrupt-on-change pin.
P3A(1)
O
CMOS Enhanced CCP3 PWM output.
CCP3(1)
I/O
ST
Capture 3 input/Compare 3 output/PWM 3 output.
T3CKI(2)
I
ST
Timer3 clock input.
T1G
I
ST
Timer1 external clock gate input.
AN13
I
Analog Analog input 13.
39
16
16
14
RB6/IOC2/PGC
RB6
I/O
TTL
Digital I/O.
IOC2
I
TTL
Interrupt-on-change pin.
PGC
I/O
ST
In-Circuit Debugger and ICSP™ programming
clock pin.
40
17
17
15
RB7/IOC3/PGD
RB7
I/O
TTL
Digital I/O.
IOC3
I
TTL
Interrupt-on-change pin.
PGD
I/O
ST
In-Circuit Debugger and ICSP™ programming
data pin.
15
32
34
30
RC0/P2B/T3CKI/T3G/T1CKI/SOSCO
RC0
I/O
TTL
Digital I/O.
P2B(2)
O
CMOS Enhanced CCP1 PWM output.
T3CKI(1)
I
ST
Timer3 clock input.
T3G
I
ST
Timer3 external clock gate input.
T1CKI
I
ST
Timer1 clock input.
SOSCO
O
—
Secondary oscillator output.
16
35
35
31
RC1/P2A/CCP2/SOSCI
RC1
I/O
TTL
Digital I/O.
P2A(1)
O
CMOS Enhanced CCP2 PWM output.
CCP2(1)
I/O
ST
Capture 2 input/Compare 2 output/PWM 2 output.
SOSCI
I
Analog Secondary oscillator input.
17
36
36
32
RC2/CTPLS/P1A/CCP1/T5CKI/AN14
RC2
I/O
TTL
Digital I/O.
CTPLS
O
—
CTMU pulse generator output.
P1A
O
CMOS Enhanced CCP1 PWM output.
CCP1
I/O
ST
Capture 1 input/Compare 1 output/PWM 1 output.
T5CKI
I
ST
Timer5 clock input.
AN14
I
Analog Analog input 14.
TABLE 1-3:
PIC18(L)F4XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP
TQFP
QFN
UQFN
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note
1: Default pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX, CCP3MX
and CCP2MX are set.
2: Alternate pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX,
CCP3MX and CCP2MX are clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com