Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 24Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 25Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 26Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 27Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 28Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 29Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 30Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 31Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 28
Preliminary
 2010 Microchip Technology Inc.
FIGURE 2-1:
SIMPLIFIED OSCILLATOR SYSTEM BLOCK DIAGRAM
Note 1: Details in Figure 2-4.
2: Details in Figure 2-2.
3: Details in Figure 2-3.
4: Details in Table 2-1.
5: The Primary Oscillator MUX uses the INTOSC branch when FOSC<3:0> = 100x.
SOSCO
SOSCI
Secondary
Oscillator
(SOSC)
Secondary Oscillator(1)
OSC2
OSC1
Primary
Oscillator(2)
(OSC)
Primary Oscillator
0
1
FOSC<3:0>(5)
PLL Select(3) (4)
0
1
4xPLL
INTOSC
Primary Clock Module
Low-Power Mode
Event Switch
(SCS<1:0>)
01
00
1x
Secondary
Oscillator
2
Primary
Clock
INTOSC
INTOSC
IRCF<2:0>
MFIOSEL
INTSRC
HF-16 MHZ
HF-8 MHZ
HF-4 MHZ
HF-2 MHZ
HF-1 MHZ
HF-31.25 kHZ
HF-250 kHZ
HF-500 kHZ
HFINTOSC
MFINTOSC
LFINTOSC
(16 MHz)
(500 kHz)
(31.25 kHz)
INTOSC
Divide
Circuit
MF-31.25 kHZ
MF-250 kHZ
MF-500 kHZ
LF-31.25 kHz
3
3
Internal Oscillator
SOSCOUT
PRICLKEN
PRISD
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com