Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 41Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 42Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 43Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 44Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 45Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 46Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 47Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 48Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 45
PIC18(L)F2X/4XK22
FIGURE 2-11:
FSCM TIMING DIAGRAM
OSCFIF
System
Clock
Output
Sample Clock
Failure
Detected
Oscillator
Failure
Note:
The system clock is normally at a much higher frequency than the sample clock. The relative frequencies in
this example have been chosen for clarity.
(Q)
Test
Test
Test
Clock Monitor Output
TABLE 2-4:
REGISTERS ASSOCIATED WITH CLOCK SOURCES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP CCP2IP
128
OSCCON
IDLEN
IRCF<2:0>
OSTS
HFIOFS
SCS<1:0>
32
OSCCON2 PLLRDY SOSCRUN
—
MFIOSEL SOSCGO
PRISD
MFIOFS LFIOFS
33
OSCTUNE
INTSRC
PLLEN
TUN<5:0>
37
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCL1IE
HLVDIE
TMR3IE CCP2IE
124
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCL1IF
HLVDIF
TMR3IF CCP2IF
119
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used by Clock Sources.
TABLE 2-5:
CONFIGURATION REGISTERS ASSOCIATED WITH CLOCK SOURCES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONFIG1H
IESO
FCMEN PRICLKEN PLLCFG
FOSC<3:0>
351
CONFIG2L
—
—
—
BORV<1:0>
BOREN<1:0>
PWRTEN
352
CONFIG3H
MCLRE
—
P2BMX
T3CMX
HFOFST CCP3MX PBADEN CCP2MX
354
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for Clock Sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com