Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 80Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 81Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 82Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 83Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 84Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 85Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 86Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 87Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 84
Preliminary
 2010 Microchip Technology Inc.
TABLE 5-2:
REGISTER FILE SUMMARY FOR PIC18(L)F2X/4XK22 DEVICES
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
FFFh
TOSU
—
—
—
Top-of-Stack, Upper Byte (TOS<20:16>)
---0 0000
FFEh
TOSH
Top-of-Stack, High Byte (TOS<15:8>)
0000 0000
FFDh
TOSL
Top-of-Stack, Low Byte (TOS<7:0>)
0000 0000
FFCh
STKPTR
STKFUL
STKUNF
—STKPTR<4:0>
00-0 0000
FFBh
PCLATU
—
—
—
Holding Register for PC<20:16>
---0 0000
FFAh
PCLATH
Holding Register for PC<15:8>
0000 0000
FF9h
PCL
Holding Register for PC<7:0>
0000 0000
FF8h
TBLPTRU
—
—
Program Memory Table Pointer Upper Byte(TBLPTR<21:16>)
--00 0000
FF7h
TBLPTRH
Program Memory Table Pointer High Byte(TBLPTR<15:8>)
0000 0000
FF6h
TBLPTRL
Program Memory Table Pointer Low Byte(TBLPTR<7:0>)
0000 0000
FF5h
TABLAT
Program Memory Table Latch
0000 0000
FF4h
PRODH
Product Register, High Byte
xxxx xxxx
FF3h
PRODL
Product Register, Low Byte
xxxx xxxx
FF2h
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
FF1h
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
FF0h
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
FEFh
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
---- ----
FEEh
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
---- ----
FEDh
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register) ---- ----
FECh
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
---- ----
FEBh
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register) –
value of FSR0 offset by W
---- ----
FEAh
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0, High Byte
---- 0000
FE9h
FSR0L
Indirect Data Memory Address Pointer 0, Low Byte
xxxx xxxx
FE8h
WREG
Working Register
xxxx xxxx
FE7h
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
---- ----
FE6h
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register) ---- ----
FE5h
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register) ---- ----
FE4h
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
---- ----
FE3h
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register) –
value of FSR1 offset by W
---- ----
FE2h
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1, High Byte
---- 0000
FE1h
FSR1L
Indirect Data Memory Address Pointer 1, Low Byte
xxxx xxxx
FE0h
BSR
—
—
—
—
Bank Select Register
---- 0000
FDFh
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
---- ----
FDEh
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register) ---- ----
FDDh
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register) ---- ----
FDCh
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register) ---- ----
FDBh
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register) –
value of FSR2 offset by W
---- ----
FDAh
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2, High Byte
---- 0000
FD9h
FSR2L
Indirect Data Memory Address Pointer 2, Low Byte
xxxx xxxx
FD8h
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
FD7h
TMR0H
Timer0 Register, High Byte
0000 0000
FD6h
TMR0L
Timer0 Register, Low Byte
xxxx xxxx
FD5h
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS<2:0>
1111 1111
FD3h
OSCCON
IDLEN
IRCF<2:0>
OSTS
HFIOFS
SCS<1:0>
0011 q000
FD2h
OSCCON2
PLLRDY
SOSCRUN
—
MFIOSEL
SOSCGO
PRISD
MFIOFS
LFIOFS
00-0 01x0
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
PIC18(L)F4XK22 devices only.
2:
PIC18(L)F2XK22 devices only.
3:
PIC18(L)F23/24K22 and PIC18(L)F43/44K22 devices only.
4:
PIC18(L)F26K22 and PIC18(L)F46K22 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com