Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 20Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 21Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 22Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 23Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 24Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 25Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 26Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 27Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 24
Preliminary
 2010 Microchip Technology Inc.
18
37
37
33
RC3/SCK1/SCL1/AN15
RC3
I/O
TTL
Digital I/O.
SCK1
I/O
ST
Synchronous serial clock input/output for SPI
mode (MSSP2).
SCL1
I/O
ST
Synchronous serial clock input/output for I2C™
mode (MSSP2).
AN15
I
Analog Analog input 15.
23
42
42
38
RC4/SDI1/SDA1/AN16
RC4
I/O
TTL
Digital I/O.
SDI1
I
ST
SPI data in (MSSP1).
SDA1
I/O
ST
I2C™ data I/O (MSSP1).
AN16
I
Analog Analog input 16.
24
43
43
39
RC5/SDO1/AN17
RC5
I/O
TTL
Digital I/O.
SDO1
O
—
SPI data out (MSSP1).
AN17
I
Analog Analog input 17.
25
44
44
40
RC6/TX1/CK1/AN18
RC6
I/O
TTL
Digital I/O.
TX1
O
—
EUSART 1 asynchronous transmit.
CK1
I/O
ST
EUSART 1 synchronous clock (see related RXx/
DTx).
AN18
I
Analog Analog input 18.
26
1
1
1
RC7/RX1/DT1/AN19
RC7
I/O
TTL
Digital I/O.
RX1
I
ST
EUSART 1 asynchronous receive.
DT1
I/O
ST
EUSART 1 synchronous data (see related TXx/
CKx).
AN19
I
Analog Analog input 19.
19
38
38
34
RD0/SCK2/SCL2/AN20
RD0
I/O
TTL
Digital I/O.
SCK2
I/O
ST
Synchronous serial clock input/output for SPI
mode (MSSP2).
SCL2
I/O
ST
Synchronous serial clock input/output for I2C™
mode (MSSP2).
AN20
I
Analog Analog input 20.
20
39
39
35
RD1/CCP4/SDI2/SDA2/AN21
RD1
I/O
TTL
Digital I/O.
CCP4
I/O
ST
Capture 4 input/Compare 4 output/PWM 4 output.
SDI2
I
ST
SPI data in (MSSP2).
SDA2
I/O
ST
I2C™ data I/O (MSSP2).
AN21
I
Analog Analog input 21.
TABLE 1-3:
PIC18(L)F4XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP
TQFP
QFN
UQFN
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note
1: Default pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX, CCP3MX
and CCP2MX are set.
2: Alternate pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX,
CCP3MX and CCP2MX are clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com