Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 141Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 142Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 143Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 144Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 145Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 146Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 147Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 148Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 145
PIC18(L)F2X/4XK22
TABLE 10-9:
REGISTERS ASSOCIATED WITH PORTC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELC
ANSC7
ANSC6
ANSC5
ANSC4
ANSC3
ANSC2
—
—153
ECCP1AS
CCP1ASE
CCP1AS<2:0>
P1SSAC<1:0>
P1SSBD<1:0>
205
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
201
ECCP2AS
CCP2ASE
CCP2AS<2:0>
P2SSAC<1:0>
P2SSBD<1:0>
205
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
201
CTMUCONH
CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN IDISSEN
CTTRIG
329
LATC
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
155
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
151
RCSTA1
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
273
SLRCON
—
—
—
SLRE(1)
SLRD(1)
SLRC
SLRB
SLRA
156
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
256
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1SOSCEN
T1SYNC
T1RD16 TMR1ON
170
T3CON
TMR3CS<1:0>
T3CKPS<1:0>
T3SOSCEN
T3SYNC
T3RD16 TMR3ON
170
T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM T3GGO/DONE
T3GVAL
T3GSS
171
T5CON
TMR5CS<1:0>
T5CKPS<1:0>
T5OSCEN
T5SYNC
T5RD16 TMR5ON
170
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
154
TXSTA1
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
272
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTC.
Note 1:
Available on PIC18(L)F4XK22 devices.
TABLE 10-10: CONFIGURATION REGISTERS ASSOCIATED WITH PORTC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONFIG3H
MCLRE
—
P2BMX
T3CMX
HFOFST
CCP3MX
PBADEN
CCP2MX
354
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com