Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 150Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 151Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 152Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 153Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 154Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 155Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 156Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 157Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 154
Preliminary
 2010 Microchip Technology Inc.
REGISTER 10-7:
ANSELE – PORTE ANALOG SELECT REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
—
—
—
—
—
ANSE2(1)
ANSE1(1)
ANSE0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
ANSE<2:0>: RE<2:0> Analog Select bit(1)
1 = Digital input buffer disabled
0 = Digital input buffer enabled
Note 1:
Available on PIC18(L)F4XK22 devices only.
REGISTER 10-8:
TRISx: PORTx TRI-STATE REGISTER(1)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISx7
TRISx6
TRISx5
TRISx4
TRISx3
TRISx2
TRISx1
TRISx0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRISx<7:0>: PORTx Tri-State Control bit
1 = PORTx pin configured as an input (tri-stated)
0 = PORTx pin configured as an output
Note 1:
Register description for TRISA, TRISB, TRISC and TRISD.
REGISTER 10-9:
TRISE: PORTE TRI-STATE REGISTER
R/W-1
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
WPUE3
—
—
—
—TRISE2(1)
TRISE1(1)
TRISE0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WPUE3: Weak Pull-up Register bits
1 = Pull-up enabled on PORT pin
0 = Pull-up disabled on PORT pin
bit 6-3
Unimplemented: Read as ‘0’
bit 2-0
TRISE<7:0>: PORTE Tri-State Control bit(1)
1 = PORTE pin configured as an input (tri-stated)
0 = PORTE pin configured as an output
Note 1:
Available on PIC18(L)F4XK22 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com