Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 162Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 163Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 164Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 165Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 166Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 167Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 168Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 169Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 166
Preliminary
 2010 Microchip Technology Inc.
12.8
Timer1/3/5 Interrupt
The
Timer1/3/5
register
pair
(TMRxH:TMRxL)
increments to FFFFh and rolls over to 0000h. When
Timer1/3/5 rolls over, the Timer1/3/5 interrupt flag bit of
the PIR1/2/5 register is set. To enable the interrupt on
rollover, you must set these bits:
• TMRxON bit of the TxCON register
• TMRxIE bits of the PIE1, PIE2 or PIE5 registers
• PEIE/GIEL bit of the INTCON register
• GIE/GIEH bit of the INTCON register
The interrupt is cleared by clearing the TMRxIF bit in
the Interrupt Service Routine.
For more information on selecting high or low priority
status for the Timer1/3/5 Overflow Interrupt, see
Section 9.0 “Interrupts”.
12.9
Timer1/3/5 Operation During Sleep
Timer1/3/5 can only operate during Sleep when setup
in Asynchronous Counter mode. In this mode, an
external crystal or clock source can be used to
increment the counter. To set up the timer to wake the
device:
• TMRxON bit of the TxCON register must be set
• TMRxIE bit of the PIE1/2/5 register must be set
• PEIE/GIEL bit of the INTCON register must be set
• TxSYNC bit of the TxCON register must be set
• TMRxCS bits of the TxCON register must be
configured
• TxSOSCEN bit of the TxCON register must be
configured
The device will wake-up on an overflow and execute
the next instruction. If the GIE/GIEH bit of the INTCON
register is set, the device will call the Interrupt Service
Routine.
The secondary oscillator will continue to operate in
Sleep regardless of the TxSYNC bit setting.
12.10 ECCP/CCP Capture/Compare Time
Base
The CCP modules use the TMRxH:TMRxL register pair
as the time base when operating in Capture or
Compare mode.
In Capture mode, the value in the TMRxH:TMRxL
register pair is copied into the CCPRxH:CCPRxL
register pair on a configured event.
In Compare mode, an event is triggered when the value
CCPRxH:CCPRxL register pair matches the value in
the TMRxH:TMRxL register pair. This event can be a
Special Event Trigger.
For
more
information,
see
Section 14.0
“Capture/Compare/PWM Modules”.
12.11 ECCP/CCP Special Event Trigger
When any of the CCP’s are configured to trigger a
special event, the trigger will clear the TMRxH:TMRxL
register pair. This special event does not cause a
Timer1/3/5 interrupt. The CCP module may still be
configured to generate a CCP interrupt.
In this mode of operation, the CCPRxH:CCPRxL
register pair becomes the period register for
Timer1/3/5.
Timer1/3/5 should be synchronized and FOSC/4 should
be selected as the clock source in order to utilize the
Special Event Trigger. Asynchronous operation of
Timer1/3/5 can cause a Special Event Trigger to be
missed.
In the event that a write to TMRxH or TMRxL coincides
with a Special Event Trigger from the CCP, the write will
take precedence.
For more information, see Section 17.2.8 “Special
Event Trigger”.
Note:
The TMRxH:TMRxL register pair and the
TMRxIF bit should be cleared before
enabling interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com