Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/SP Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 184Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 185Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 186Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 187Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 188Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 189Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 190Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 191Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 188
Preliminary
 2010 Microchip Technology Inc.
14.4
PWM (Enhanced Mode)
The enhanced PWM function described in this section is
available for CCP modules ECCP1, ECCP2 and
ECCP3, with any differences between modules noted.
The enhanced PWM mode generates a Pulse-Width
Modulation (PWM) signal on up to four different output
pins with up to 10 bits of resolution. The period, duty
cycle, and resolution are controlled by the following
registers:
•PRx registers
•TxCON registers
• CCPRxL registers
• CCPxCON registers
The ECCP modules have the following additional PWM
registers which control Auto-shutdown, Auto-restart,
Dead-band Delay and PWM Steering modes:
• ECCPxAS registers
• PSTRxCON registers
• PWMxCON registers
The enhanced PWM module can generate the following
five PWM Output modes:
• Single PWM
• Half-Bridge PWM
• Full-Bridge PWM, Forward Mode
• Full-Bridge PWM, Reverse Mode
• Single PWM with PWM Steering Mode
To select an Enhanced PWM Output mode, the
PxM<1:0> bits of the CCPxCON register must be
configured appropriately.
The PWM outputs are multiplexed with I/O pins and are
designated PxA, PxB, PxC and PxD. The polarity of the
PWM pins is configurable and is selected by setting the
CCPxM bits in the CCPxCON register appropriately.
Figure 14-5 shows an example of a simplified block
diagram of the Enhanced PWM module.
Table 14-12 shows the pin assignments for various
Enhanced PWM modes.
FIGURE 14-5:
EXAMPLE SIMPLIFIED BLOCK DIAGRAM OF THE ENHANCED PWM MODE
Note 1: The corresponding TRIS bit must be
cleared to enable the PWM output on the
CCPx pin.
2: Clearing the CCPxCON register will
relinquish control of the CCPx pin.
3: Any pin not used in the enhanced PWM
mode is available for alternate pin
functions, if applicable.
4: To
prevent
the
generation
of
an
incomplete waveform when the PWM is
first enabled, the ECCP module waits
until the start of a new PWM period before
generating a PWM signal.
CCPRxL
CCPRxH (Slave)
Comparator
TMRx
Comparator
PRx
(1)
RQ
S
Duty Cycle Registers
DCxB<1:0>
Clear Timer,
toggle PWM pin and
latch duty cycle
Note 1:
The 8-bit timer TMRx register is concatenated with the 2-bit internal Q clock, or 2 bits of the prescaler to create the 10-bit time
base.
2:
PxC and PxD are not available on Half-Bridge ECCP Modules.
TRISx
CCPx/PxA
TRISx
PxB
TRISx
PxC(2)
TRISx
PxD(2)
Output
Controller
PxM<1:0>
2
CCPxM<3:0>
4
PWMxCON
CCPx/PxA
PxB
PxC
PxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com