Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26521 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 17Page - Maxim Integrated Products DS26521 Datasheet HTML 18Page - Maxim Integrated Products DS26521 Datasheet HTML 19Page - Maxim Integrated Products DS26521 Datasheet HTML 20Page - Maxim Integrated Products DS26521 Datasheet HTML 21Page - Maxim Integrated Products DS26521 Datasheet HTML 22Page - Maxim Integrated Products DS26521 Datasheet HTML 23Page - Maxim Integrated Products DS26521 Datasheet HTML 24Page - Maxim Integrated Products DS26521 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
21 of 258
NAME
PIN
TYPE
FUNCTION
RECEIVE FRAMER
RSER
57
O
Received Serial Data.
Received NRZ serial data. Updated on rising edges of
RCLK when the receive-side elastic store is disabled. Updated on the rising edges
of RSYSCLK when the receive-side elastic store is enabled. When IBO mode is
used, the RSER data is synchronous to to RSYSCLK. This is described in Section
8.8.2.
RCLK
56
O
Receive Clock.
A 1.544MHz (T1) or 2.048MHz (E1) clock that is used to clock
data through the receive-side framer. This clock is recovered from the signal at
RTIP and RRING. RSER data is output on the rising edge of RCLK. RCLK is used
to output RSER when the elastic store is not enabled or IBO is not used. When the
elastic store is enabled or IBO is used, the RSER is clocked by RSYSCLK.
RSYSCLK
55
I
Receive System Clock.
1.544MHz, 2.048MHz, 4.096MHz, 8.192MHz, or
16.384MHz receive backplane clock. Only used when the receive-side elastic store
function is enabled. Should be tied low in applications that do not use the receive-
side elastic store. Multiple of 2.048MHz is expected when the IBO mode is used.
RSYNC
54
I/O
Receive Synchronization.
If the receive-side elastic store is enabled, then this
signal is used to input a frame or multiframe boundary pulse. If set to output frame
boundaries, then RSYNC can be programmed to output double-wide pulses on
signaling frames in T1 mode. In E1 mode, RSYNC out can be used to indicate
CAS and CRC-4 multiframe. The DS26521 can accept H.100-compatible
synchronization signal. The default direction of this pin at power-up is input, as
determined by the RSIO control bit in the RIOCR.2 register.
RMSYNC/
RFSYNC
53
O
Receive Multiframe/Frame Synchronization.
A dual function pin to indicate
frame or multiframe synchronization. RFSYNC is an extracted 8kHz pulse, one
RCLK wide that identifies frame boundaries. RMSYNC is an extracted pulse, one
RCLK wide (elastic store disabled) or one RSYSCLK wide (elastic store enabled),
that identifies multiframe boundaries. When the receive elastic store is enabled,
the RMSYNC signal indicates the multiframe sync on the system (backplane) side
of the elastic store. In E1 mode, this pin can indicate either the CRC-4 or CAS
multiframe as determined by the RSMS2 control bit in the Receive I/O
Configuration register (RIOCR.1).
RSIG
52
O
Receive Signaling.
Outputs signaling bits in a PCM format. Updated on rising
edges of RCLK when the receive-side elastic store is disabled. Updated on the
rising edges of RSYSCLK when the receive-side elastic store is enabled.
AL/
RSIGF/
FLOS
51
O
Analog Loss/Receive-Signaling Freeze/Framer LOS.
Analog LOS reflects the
LOS (loss of signal) detected by the LIU front-end and framer LOS is LOS
detection by the corresponding framer; the same pins can reflect receive-signaling
freeze indications. This selection can be made by settings in the Global
Transceiver Clock Control register (GTCCR ).
If framer LOS is selected, this pin can be programmed to toggle high when the
framer detects an LOS condition, or when the signaling data is frozen via either
automatic or manual intervention. The indication is used to alert downstream
equipment of the condition.
RLF/
LTC
50
O
Receive Loss of Frame/Loss of Transmit Clock.
This pin can be programmed to
either toggle high when the synchronizer is searching for the frame and multiframe,
or to toggle high if the TCLK pin has not been toggled for approximately three clock
periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com