Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26521 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 28Page - Maxim Integrated Products DS26521 Datasheet HTML 29Page - Maxim Integrated Products DS26521 Datasheet HTML 30Page - Maxim Integrated Products DS26521 Datasheet HTML 31Page - Maxim Integrated Products DS26521 Datasheet HTML 32Page - Maxim Integrated Products DS26521 Datasheet HTML 33Page - Maxim Integrated Products DS26521 Datasheet HTML 34Page - Maxim Integrated Products DS26521 Datasheet HTML 35Page - Maxim Integrated Products DS26521 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
32 of 258
8.8
System Backplane Interface
The DS26521 provides a versatile backplane interface that can be configured to the following:
•
Transmit and receive two-frame elastic stores
•
Mapping of T1 channels into a 2.048MHz backplane
•
IBO mode for multiple framers to share the backplane signals
•
Transmit and receive channel-blocking capability
•
Fractional T1/E1/J1 support
•
Hardware-based (through the backplane interface) or processor-based signaling
•
Flexible backplane clock providing frequencies of 2.048MHz, 4.096MHz, 8.192MHz, 16.384MHz
•
Backplane clock and frame pulse (TSSYNCIO) generator
8.8.1
Elastic Stores
The DS26521 contains dual two-frame elastic stores: one for the receive direction and one for the transmit
direction. Both elastic stores are fully independent. The transmit- and receive-side elastic stores can be
enabled/disabled independently of each other. Also, the transmit or receive elastic store can interface to either a
1.544MHz or 2.048/4.096/8.192/16.384MHz backplane without regard to the backplane rate for the other elastic
store. The transmit and receive signals are not required to be synchronous to each other.
The elastic stores have two main purposes. First, they can be used for rate conversion. When the DS26521 is in
the T1 mode, the elastic stores can rate convert the T1 data stream to a 2.048MHz backplane. In E1 mode the
elastic store can rate convert the E1 data stream to a 1.544MHz backplane. Second, the elastic stores can be used
to absorb the differences in frequency and phase between the T1 or E1 data stream and an asynchronous (i.e., not
locked) backplane clock, which can be 1.544MHz or 2.048MHz. In this mode, the elastic stores manage the rate
difference and perform controlled slips, deleting or repeating frames of data to manage the difference between the
network and the backplane.
If the elastic store is enabled while in E1 mode, then either CAS or CRC-4 multiframe boundaries are indicated via
the RMSYNC output as controlled by the RSMS2 control bit (RIOCR.1). If the user selects to apply a 1.544MHz
clock to the RSYSCLK pin, then the Receive Blank Channel Select registers (RBCS1:RBCS4) registers determine
which channels of the received E1 data stream will be deleted. In this mode an F-bit location is inserted into the
RSER data and set to 1. Also, in 1.544MHz applications, the RCHBLK output will not be active in Channels 25 to
32 (or in other words, RCBR4 is not active). If the two-frame elastic buffer either fills or empties, a controlled slip
occurs. If the buffer empties, a full frame of data is repeated at RSER and the RLS4.5 and RLS4.6 bits are set to 1.
If the buffer fills, a full frame of data is deleted and the RLS4.5 and RLS4.7 bits are set to 1.
The elastic stores can also be used to multiplex T1 or E1 data streams into higher backplane rates. This is the
Interleave Bus Option (IBO), which is discussed in Section 8.8.2. Table 8-2 shows the registers related to the
elastic stores.
Table 8-2. Registers Related to the Elastic Store
REGISTER
FRAMER
ADDRESSES
FUNCTION
Receive I/O Configuration Register
(RIOCR)
084h
Sync and clock selection for the receiver.
Receive Elastic Store Control Register
(RESCR)
085h
Receive elastic store control.
Receive Latched Status Register 4 (RLS4)
093h
Receive elastic store empty full status.
Receive Interrupt Mask Register 4 (RIM4)
0A3h
Receive interrupt mask for elastic store.
Transmit Elastic Store Control Register
(TESCR)
185h
Transmit elastic control such as minimum
mode.
Transmit Latched Status Register 1 (TLS1)
190h
Transmit elastic store latched status.
Transmit Interrupt Mask Register 1 (TIM1)
1A0h
Transmit elastic store interrupt mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com