Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26521 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS26521 Datasheet HTML 1Page - Maxim Integrated Products DS26521 Datasheet HTML 2Page - Maxim Integrated Products DS26521 Datasheet HTML 3Page - Maxim Integrated Products DS26521 Datasheet HTML 4Page - Maxim Integrated Products DS26521 Datasheet HTML 5Page - Maxim Integrated Products DS26521 Datasheet HTML 6Page - Maxim Integrated Products DS26521 Datasheet HTML 7Page - Maxim Integrated Products DS26521 Datasheet HTML 8Page - Maxim Integrated Products DS26521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 258 page
background image
1 of 258
REV: 111606
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS26521 is a single-channel framer and line
interface unit (LIU) combination for T1, E1, and J1
applications.
Each
channel
is
independently
configurable, supporting both long-haul and short-haul
lines.
APPLICATIONS
Routers
Channel Service Units (CSUs)
Data Service Units (DSUs)
Muxes
Switches
Channel Banks
T1/E1 Test Equipment
FUNCTIONAL DIAGRAM
DS26521
T1/J1/E1
Transceiver
T1/E1/J1
NETWORK
BACKPLANE
TDM
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS26521LN
-40
°C to +85°C
64 LQFP
DS26521LN+
-40
°C to +85°C
64 LQFP
+ Denotes lead-free/RoHS compliant device.
FEATURES
Complete T1, E1, or J1 Long-Haul/Short-Haul
Transceiver (LIU plus Framer)
Internal Software-Selectable Transmit- and
Receive-Side Termination for 100
Ω T1 Twisted
Pair, 110
Ω J1 Twisted Pair, 120Ω E1 Twisted
Pair, and 75
Ω E1 Coaxial Applications
Crystal-Less Jitter Attenuator can be Selected
for Transmit or Receive Path; Jitter Attenuator
Meets ETS CTR 12/13, ITU-T G.736, G.742,
G.823, and AT&T Pub 62411
External Master Clock can be Multiple of
2.048MHz or 1.544MHz for T1/J1 or E1
Operation; This Clock is Internally Adapted for
T1 or E1 Usage in the Host Mode
Receive-Signal Level Indication from -2.5dB to
-36dB in T1 Mode and -2.5dB to -44dB in E1
Mode in Approximate 2.5dB Increments
Transmit Open- and Short-Circuit Detection
LIU LOS in Accordance with G.775, ETS 300
233, and T1.231
Transmit Synchronizer
Flexible Signaling Extraction and Insertion
Using Either the System Interface or
Microprocessor Port
Alarm Detection and Insertion
T1 Framing Formats of D4, SLC-96, and ESF
J1 Support
E1 G.704 and CRC-4 Multiframe
Controlled by 8-Bit Parallel Port Interface or
Serial Peripheral Interface (SPI)
Features Continued in Section 2.
DS26521
Single T1/E1/J1 Transceiver
www.maxim-ic.com


Similar Part No. - DS26521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26521DK MAXIM-DS26521DK Datasheet
1Mb / 18P
Single T1/E1/J1 Transceiver Design Kit
REV: 021406
More results

Similar Description - DS26521

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
QUAD T1/E1/J1 Transceiver
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com