Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26521 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 29Page - Maxim Integrated Products DS26521 Datasheet HTML 30Page - Maxim Integrated Products DS26521 Datasheet HTML 31Page - Maxim Integrated Products DS26521 Datasheet HTML 32Page - Maxim Integrated Products DS26521 Datasheet HTML 33Page - Maxim Integrated Products DS26521 Datasheet HTML 34Page - Maxim Integrated Products DS26521 Datasheet HTML 35Page - Maxim Integrated Products DS26521 Datasheet HTML 36Page - Maxim Integrated Products DS26521 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
33 of 258
8.8.1.1 Elastic Stores Initialization
There are two elastic store initializations that can be used to improve performance in certain applications: elastic
store reset and elastic store align. Both of these involve the manipulation of the elastic store’s read and write
pointers and are useful primarily in synchronous applications (RSYSCLK/TSYSCLK are locked to RCLK/TCLK,
respectively). The elastic store reset is used to minimize the delay through the elastic store. The elastic store align
bit is used to “center” the read/write pointers to the extent possible.
Table 8-3. Elastic Store Delay After Initialization
INITIALIZATION
REGISTER BIT
DELAY
Receive Elastic Store Reset
RESCR.2
N bytes < Delay < 1 Frame + N bytes
Transmit Elastic Store Reset
TESCR.2
N bytes < Delay < 1 Frame + N bytes
Receive Elastic Store Align
RESCR.3
1/2 Frame < Delay < 1 1/2 Frames
Transmit Elastic Store Align
TESCR.3
1/2 Frame < Delay < 1 1/2 Frames
N = 9 for RSZS = 0; N = 2 for RSZS = 1.
8.8.1.2 Minimum Delay Mode
Elastic store minimum-delay mode can be used when the elastic store’s system clock is locked to its network clock
(i.e., RCLK locked to RSYSCLK for the receive side and TCLK locked to TSYSCLK for the transmit side).
RESCR.1 enables the receive elastic store minimum-delay mode. When enabled, the elastic stores are forced to a
maximum depth of 32 bits instead of the normal two-frame depth. This feature is useful primarily in applications that
interface to a 2.048MHz bus. Certain restrictions apply when minimum-delay mode is used. In addition to the
restriction mentioned above, RSYNC must be configured as an output when the receive elastic store is in
minimum-delay mode and TSYNC must be configured as an output when transmit minimum-delay mode is
enabled. In this mode the SYNC outputs are always in frame mode (multiframe outputs are not allowed). In a
typical application, RSYSCLK and TSYSCLK are locked to RCLK and RSYNC (frame-output mode) is connected to
TSSYNCIO (frame-input mode). The slip zone select bit (RSZS at RESCR.4) must be set to 1. All the slip
contention logic in the framer is disabled (since slips cannot occur). On power-up, after the RSYSCLK and
TSYSCLK signals have locked to their respective network clock signals, the elastic store reset bit (RESCR.2)
should be toggled from a 0 to 1 to ensure proper operation
8.8.1.3 Additional Receive Elastic Store Information
If the receive-side elastic store is enabled, the user must provide either a 1.544MHz or 2.048MHz clock at the
RSYSCLK pin. See Section 8.8.2 for higher rate system-clock applications. The user has the option of either
providing a frame/multiframe sync at the RSYNC pin or having the RSYNC pin provide a pulse on frame/multiframe
boundaries. If signaling reinsertion is enabled, the robbed-bit signaling data is realigned to the multiframe sync
input on RSYNC. Otherwise, a multiframe sync input on RSYNC is treated as a simple frame boundary by the
elastic store. The framer always indicates frame boundaries on the network side of the elastic store via the
RFSYNC output, whether the elastic store is enabled or not. Multiframe boundaries arel always indicated via the
RMSYNC output. If the elastic store is enabled, RMSYNC outputs the multiframe boundary on the backplane side
of the elastic store. When the device is receiving T1 and the backplane is enabled for 2.048MHz operation, the
RMSYNC signal outputs the T1 multiframe boundaries as delayed through the elastic store. When the device is
receiving E1 and the backplane is enabled for 1.544MHz operation, the RMSYNC signal outputs the E1 multiframe
boundaries as delayed through the elastic store.
If the user selects to apply a 2.048MHz clock to the RSYSCLK pin, the user can use the Receive Blank Channel
Select registers (RBCS1:RBCS4) to determine which channels will have the data output at RSER forced to all
ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com