Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26521 Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 59Page - Maxim Integrated Products DS26521 Datasheet HTML 60Page - Maxim Integrated Products DS26521 Datasheet HTML 61Page - Maxim Integrated Products DS26521 Datasheet HTML 62Page - Maxim Integrated Products DS26521 Datasheet HTML 63Page - Maxim Integrated Products DS26521 Datasheet HTML 64Page - Maxim Integrated Products DS26521 Datasheet HTML 65Page - Maxim Integrated Products DS26521 Datasheet HTML 66Page - Maxim Integrated Products DS26521 Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
63 of 258
8.10.1.1
HDLC FIFO Control
Control of the transmit and receive FIFOs is accomplished via the Receive HDLC FIFO Control (RHFC) and
Transmit HDLC FIFO Control (THFC) registers. The FIFO control registers set the watermarks for the FIFO.
When the receive FIFO fills above the high watermark, the RHWM bit (RRTS5.1) is set. RHWM and THRM are
real-time bits and remain set as long as the FIFO’s write pointer is above the watermark. When the transmit FIFO
empties below the low watermark, the TLWM bit in the TRTS2 register is set. TLWM is a real-time bit and remains
set as long as the transmit FIFO’s write pointer is below the watermark. If enabled, this condition can also cause an
interrupt via the
INTB pin.
If the receive HDLC FIFO does overrun, the current packet being processed is dropped. The receive FIFO is
emptied. The packet status bit in RRTS5 and RLS5.5 (ROVR) indicate an overrun.
8.10.1.2
Receive HDLC Packet Bytes Available
The lower 7 bits of the Receive HDLC Packet Bytes Available register (RHPBA) indicates the number of bytes (0 to
64) that can be read from the receive FIFO. The value indicated by this register informs the host as to how many
bytes can be read from the receive FIFO without going past the end of a message. This value refers to one of four
possibilities: the first part of a packet, the continuation of a packet, the last part of a packet, or a complete packet.
After reading the number of bytes indicated by this register, the host then checks the HDLC status registers for
detailed message status.
If the value in the RHPBA register refers to the beginning portion of a message or continuation of a message, then
the MSB of the RHPBA register returns a value of 1. This indicates that the host can safely read the number of
bytes returned by the lower 7 bits of the RHPBA register, but there is no need to check the information register
since the packet has not yet terminated (successfully or otherwise).
8.10.1.3
HDLC Status and Information
RRTS5, RLS5, and TLS2 provide status information for the HDLC controller. When a particular event has occurred
(or is occurring), the appropriate bit in one of these registers is set to 1. Some of the bits in these registers are
latched and some are real-time bits that are not latched. This section contains register descriptions that list which
bits are latched and which are real-time. With the latched bits, when an event occurs and a bit is set to 1, it remains
set until the user reads and clears that bit. The bit is cleared when a 1 is written to the bit, and it will not be set
again until the event has occurred again. The real-time bits report the current instantaneous conditions that are
occurring and the history of these bits is not latched.
Like the other latched status registers, the user follows a read of the status bit with a write. The byte written to the
register informs the device which of the latched bits the user wishes to clear (the real-time bits are not affected by
writing to the status register). The user writes a byte to one of these registers, with a 1 in the bit positions he or she
wishes to clear and a 0 in the bit positions he or she does not wish to clear.
The HDLC status registers RLS5 and TLS2 have the ability to initiate a hardware interrupt via the
INTB output
signal. Each of the events in this register can be either masked or unmasked from the interrupt pin via the HDLC
interrupt mask registers RIM5 and TIM2. Interrupts force the
INTB signal low when the event occurs. The INTB pin
is allowed to return high (if no other interrupts are present) when the user reads the event bit that caused the
interrupt to occur.
8.10.1.4
HDLC Receive Example
The HDLC status registers in the DS26521 allow for flexible software interface to meet the user’s preferences.
When receiving HDLC messages, the host can choose to be interrupt driven, or to poll to desired status registers,
or a combination of polling and interrupt processes can be used. An example routine for using the DS26521 HDLC
receiver is given in Figure 8-15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com