Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26521 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 45Page - Maxim Integrated Products DS26521 Datasheet HTML 46Page - Maxim Integrated Products DS26521 Datasheet HTML 47Page - Maxim Integrated Products DS26521 Datasheet HTML 48Page - Maxim Integrated Products DS26521 Datasheet HTML 49Page - Maxim Integrated Products DS26521 Datasheet HTML 50Page - Maxim Integrated Products DS26521 Datasheet HTML 51Page - Maxim Integrated Products DS26521 Datasheet HTML 52Page - Maxim Integrated Products DS26521 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
49 of 258
8.9.5.2 Receive Bit-Oriented Code (BOC) Controller
The DS26521 framer contains a BOC generator on the transmit side and a BOC detector on the receive side. The
BOC function is available only in T1, ESF mode in the data link bits. Table 8-14 shows the registers related to the
receive BOC operation.
Table 8-14. Registers Related to T1 Receive BOC
REGISTER
FRAMER
ADDRESSES
FUNCTION
Receive BOC Control Register
(T1RBOCC)
015h
Controls the receive BOC function.
Receive BOC Register (T1RBOC)
063h
Receive bit-oriented message.
Receive Latched Status Register 7(RLS7)
096h
Indicates changes to the receive bit-oriented
messages.
Receive Interrupt Mask Register 7 (RIM7)
0A6h
Mask bits for RBOC for generation of
interrupts.
In ESF mode, the DS26521 continuously monitors the receive message bits for a valid BOC message. The BOC
detect (BD) status bit at RLS7.0 is set once a valid message has been detected for a time determined by the
receive BOC filter bits RBF0 and RBF1 in the T1RBOCC register. The 6-bit BOC message is available in the
T1RBOC register. Once the user has cleared the BD bit, it remains clear until a new BOC is detected (or the same
BOC is detected following a BOC clear event). The BOC clear (BC) bit at RLS7.1 is set when a valid BOC is no
longer being detected for a time determined by the receive BOC disintegration bits RBD0 and RBD1 in the
T1RBOCC register.
The BD and BC status bits can create a hardware interrupt on the
INTB signal as enabled by the associated
interrupt mask bits in the RIM7 register.
8.9.5.3 Legacy T1 Transmit FDL
It is recommended that the DS26521’s built-in BOC or HDLC controllers be used for most applications requiring
access to the FDL. Table 8-16 shows the registers related to control of the transmit FDL.
Table 8-15. Registers Related to T1 Transmit FDL
REGISTER
FRAMER
ADDRESSES
FUNCTION
Transmit FDL Register (T1TFDL)
162h
FDL code used to insert transmit FDL.
Transmit Control Register 2 (TCR2)
182h
Defines the source of the FDL.
Transmit Latched Status Register 2 (TLS2)
191h
Transmit FDL empty bit.
Transmit Interrupt Mask Register 2 (HDLC)
(TIM2)
1A1h
Mask bit for TFDL empty.
When enabled with TCR2.7, the transmit section shifts out into the T1 data stream either the FDL (in the ESF
framing mode) or the Fs bits (in the D4 framing mode) contained in the Transmit FDL register (T1TFDL). When a
new value is written to the T1TFDL, it is multiplexed serially (LSB first) into the proper position in the outgoing T1
data stream. After the full eight bits have been shifted out, the framer signals the host controller that the buffer is
empty and that more data is needed by setting the TLS2.4 bit to a 1. The
INTB bit also toggles low if enabled via
TIM2.4. The user has 2ms to update the T1TFDL with a new value. If the T1TFDL is not updated, the old value in
the T1TFDL is transmitted once again. Note that in this mode, no zero stuffing is applied to the FDL data. It is
strongly suggested that the HDLC controller be used for FDL messaging applications.
In the D4 framing mode, the framer uses the T1TFDL register to insert the Fs framing pattern. To accomplish this,
the T1TFDL register must be programmed to 1Ch and TCR2.7 should be set to 0 (source Fs data from the T1TFDL
register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com