Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL2103 Datasheet HTML 1Page - NXP Semiconductors SSL2103 Datasheet HTML 2Page - NXP Semiconductors SSL2103 Datasheet HTML 3Page - NXP Semiconductors SSL2103 Datasheet HTML 4Page - NXP Semiconductors SSL2103 Datasheet HTML 5Page - NXP Semiconductors SSL2103 Datasheet HTML 6Page - NXP Semiconductors SSL2103 Datasheet HTML 7Page - NXP Semiconductors SSL2103 Datasheet HTML 8Page - NXP Semiconductors SSL2103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
3 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
6.
Block diagram
Fig 1.
Block diagram
ISENSE
SB_DRV
WB_DRV
HVDET
BLEEDER
SUPPLY
LOGIC
PROTECTION
LOGIC
OSCILLATOR
FREQUENCY
REDUCTION
CIRCUIT
Overcurrent
Blank
Low freq
Stop
Short-winding protection
THERMAL
SHUTDOWN
POWER - UP
RESET
PWM
LIMIT
CIRCUIT
VALLEY
DRAIN
AUX
SOURCE
PWR_DRV
100 mV
0.5 V
1.5 V
VCC
RC
BRIGHTNESS
RC2
PWMLIMIT
GND
001aam651
4
3
7
5
6
8
91
2
14
13
10
11
12
SSL2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com