Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL2103 Datasheet HTML 1Page - NXP Semiconductors SSL2103 Datasheet HTML 2Page - NXP Semiconductors SSL2103 Datasheet HTML 3Page - NXP Semiconductors SSL2103 Datasheet HTML 4Page - NXP Semiconductors SSL2103 Datasheet HTML 5Page - NXP Semiconductors SSL2103 Datasheet HTML 6Page - NXP Semiconductors SSL2103 Datasheet HTML 7Page - NXP Semiconductors SSL2103 Datasheet HTML 8Page - NXP Semiconductors SSL2103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
SSL2103 is a Switched Mode Power Supply (SMPS) controller IC designed for LED
lighting applications. It is an extension of the NXP SSL2101/SSL2102 product platform,
allowing easy design of derivative applications.
When used in combination with a phase cut dimmer connected directly to a rectified
mains, it provides dimmability to the application.
In dimmer applications, integrated dedicated circuitry optimizes the dimming curve.
SSL2101: fully integrated LED driver for lamps up to 10 W
SSL2102: fully integrated LED driver for lamps up to 25 W
SSL2103: gives the application designer flexibility permitting the:
– control of an external power switch to allow the IC to provide any power
– control of external bleeder transistors to provide extended dimmer interoperability
The device includes a circuit that allows start-up directly from the rectified mains voltage.
2.
Features and benefits
Easy migration to existing lighting control infrastructures, TRIAC and transistor
dimmers
Compatible with most dimming solutions
Optimized efficiency with valley switching managed by built-in circuitry
Built-in demagnetization detection
Built-in OverTemperature Protection (OTP)
Short-Winding Protection (SWP) and OverCurrent Protection (OCP)
Internal VCC generation allowing start-up from rectified mains voltage
Natural dimming curve by logarithmic correction, optimized for human eye response,
down to 1 %
3.
Applications
The SSL2103 is suitable for various power requirements including:
Retro-fit lamps
LED modules such as LED spots and down-lights
LED strings suitable for retail displays etc.
SSL2103
SMPS controller IC for dimmable LED lighting
Rev. 2 — 25 November 2010
Product data sheet


Similar Part No. - SSL2103

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SSL210 YANGJIE-SSL210 Datasheet
187Kb / 2P
Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
SSL210 YFWDIODE-SSL210 Datasheet
462Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
RFE international
SSL210 RFE-SSL210 Datasheet
3Mb / 3P
Surface Mount Schottky Rectifier
10-17-2022
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results

Similar Description - SSL2103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
AC-DC Controller for Dimmable LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL3401HN PHILIPS-SSL3401HN Datasheet
351Kb / 29P
Low voltage dimmable controller for LED lighting
Rev. 2-28 January 2014
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
AC/DC Controller IC for non-dimmable LED lighting
logo
Cypress Semiconductor
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
Phase Dimmable PSR LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com