Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL2103 Datasheet HTML 9Page - NXP Semiconductors SSL2103 Datasheet HTML 10Page - NXP Semiconductors SSL2103 Datasheet HTML 11Page - NXP Semiconductors SSL2103 Datasheet HTML 12Page - NXP Semiconductors SSL2103 Datasheet HTML 13Page - NXP Semiconductors SSL2103 Datasheet HTML 14Page - NXP Semiconductors SSL2103 Datasheet HTML 15Page - NXP Semiconductors SSL2103 Datasheet HTML 16Page - NXP Semiconductors SSL2103 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
13 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
Fig 8.
Typical frequency as a function of voltage on pin BRIGHTNESS (with RC value
given in Figure 3)
VBRIGHTNESS = 3 V
Fig 9.
Turn-on time as a function of voltage on pin PWMLIMIT (with RC value given in
Figure 3)
fmax
fmin
VBRIGHTNESS (V)
0
3
2
1
014aab112
40
60
20
80
100
fosc
(kHz)
0
VPWMLIMIT (V)
0
3
2
1
014aab113
4
8
12
ton
(
μs)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com