Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL2103 Datasheet HTML 6Page - NXP Semiconductors SSL2103 Datasheet HTML 7Page - NXP Semiconductors SSL2103 Datasheet HTML 8Page - NXP Semiconductors SSL2103 Datasheet HTML 9Page - NXP Semiconductors SSL2103 Datasheet HTML 10Page - NXP Semiconductors SSL2103 Datasheet HTML 11Page - NXP Semiconductors SSL2103 Datasheet HTML 12Page - NXP Semiconductors SSL2103 Datasheet HTML 13Page - NXP Semiconductors SSL2103 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
10 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
9.
Limiting values
[1]
Pins VCC and RC cannot be current driven.
[2]
Pins ISENSE and AUX cannot be voltage driven.
[3]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[4]
Charged device model: equivalent to charging the IC up to 1 kV and the subsequent discharging of each pin down to 0 V over a 1
resistor.
10. Thermal characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured with respect to ground;
positive currents flow into the device.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
[1]
0.4
+28
V
VRC
voltage on pin RC
[1]
0.4
+3
V
VRC2
voltage on pin RC2
0.4
+3
V
VBRIGHTNESS
voltage on pin BRIGHTNESS
0.4
+5
V
VPWMLIMIT
voltage on pin PWMLIMIT
0.4
+5
V
VSOURCE
voltage on pin SOURCE
0.4
+5
V
VDRAIN
voltage on pin DRAIN
Tamb =25 C
0.4
+600
V
VHVDET
voltage on pin HVDET
Tamb =25 C
0.4
+600
V
Currents
IISENSE
current on pin ISENSE
[2]
20
+5
mA
IAUX
current on pin AUX
[2]
10
+5
mA
ISB_DRV
current on pin SB_DRV
+3.6
mA
IWB_DRV
current on pin WB_DRV
+3.6
mA
General
Ptot
total power dissipation
Tamb =70 C
-
250
mW
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+100
C
Tj
junction temperature
40
+150
C
VESD
electrostatic discharge voltage
human body model;
[3]
Pins 13 and 14
1000
+1000
V
All other pins
2000
+2000
V
charged device model
[4]
500
+500
V
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air, on JESD51-3 board
123
K/W
j-top
thermal characterization parameter from junction to top
in free air, on JESD51-3 board
7
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com