Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL2103 Datasheet HTML 1Page - NXP Semiconductors SSL2103 Datasheet HTML 2Page - NXP Semiconductors SSL2103 Datasheet HTML 3Page - NXP Semiconductors SSL2103 Datasheet HTML 4Page - NXP Semiconductors SSL2103 Datasheet HTML 5Page - NXP Semiconductors SSL2103 Datasheet HTML 6Page - NXP Semiconductors SSL2103 Datasheet HTML 7Page - NXP Semiconductors SSL2103 Datasheet HTML 8Page - NXP Semiconductors SSL2103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
5 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
8.
Functional description
The SSL2103 is a LED driver IC that operates directly from the rectified mains. The
SSL2103 uses on-time mode control and frequency control to control the LED brightness.
The BRIGHTNESS and PWMLIMIT input of the IC can be used to control the LED light
output in combination with an external dimmer. The PWMLIMIT input can also be used for
Thermal Lumen Management (TLM) and for precision LED current control.
8.1 Start-up and Under Voltage Lock Out (UVLO)
Initially, the IC is self-supplying from the rectified mains voltage. The IC starts switching as
soon as the voltage on pin VCC passes the VCC(startup) level. The supply can be taken over
by the auxiliary winding of the transformer as soon as VCC is high enough and the supply
from the line is stopped for high efficiency operation. Alternatively the IC can be supplied
via a bleeder resistor connected to a high voltage.
Remark: The maximum VCC voltage rating of the IC must be considered.
8.2 Oscillator
An oscillator inside the IC provides the timing for the switching converter logic.
The frequency of the oscillator is set by the external resistors and the capacitor on pin RC
and pin RC2. The external capacitor is charged rapidly to the VRC(max) level and, starting
from a new primary stroke, discharges to the VRC(min) level. Because the discharge is
exponential, the relative sensitivity of the duty factor to the regulation voltage at low duty
factor, is almost equal to the sensitivity at high duty factors. This results in a more constant
gain over the duty factor range, compared to Pulse Width Modulated (PWM) systems with
a linear sawtooth oscillator. Stable operation at low duty factors is easily achieved. The
frequency of the converter when VBRIGHTNESS is high can be calculated using Equation 1:
(1)
R equals the parallel resistance of both oscillator resistors. C is the capacitor connected at
the RC pin (pin 7).
The BRIGHTNESS input controls the frequency reduction mode. Figure 3 shows that the
oscillator switches over from an RC curve with R1/R2, to R1 only. A low BRIGHTNESS
voltage will reduce the switching frequency.
RC
1
3.5
-------
1
f
osc
--------
t
ch
e
arg


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com