Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL2103 Datasheet HTML 7Page - NXP Semiconductors SSL2103 Datasheet HTML 8Page - NXP Semiconductors SSL2103 Datasheet HTML 9Page - NXP Semiconductors SSL2103 Datasheet HTML 10Page - NXP Semiconductors SSL2103 Datasheet HTML 11Page - NXP Semiconductors SSL2103 Datasheet HTML 12Page - NXP Semiconductors SSL2103 Datasheet HTML 13Page - NXP Semiconductors SSL2103 Datasheet HTML 14Page - NXP Semiconductors SSL2103 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
11 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
11. Characteristics
Table 6.
Characteristics
Tamb =25 C; no overtemperature; all voltages are measured with respect to ground; currents are positive when flowing into
the IC; VCC = 20 V and PWMLIMIT and BRIGHTNESS pins are disconnected unless otherwise specified. Typical frequency
100 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
ICC
supply current
normal operation; bleeders
disconnected; VDRAIN =60V;
-1.8
-
mA
ICC(ch)
charge supply current
VDRAIN  60 V; VCC =0V
6
4.5
-
mA
VCC
supply voltage
VDRAIN  60 V
[1] 12
20
28
V
VCC(startup)
start-up supply voltage
-
10.25 -
V
VCC(UVLO)
undervoltage lockout supply
voltage
-8.2
-
V
IDRAIN
current on pin DRAIN
VDRAIN  60 V; with auxiliary supply
-
30
125
A
VDRAIN
voltage on pin DRAIN
40
-
600
V
Pulse width modulator
min
minimum duty factor
-
0
-
max
maximum duty cycle
PWMLIMIT= 3 V
-
75
-
SOPS
Vdet(demag)
demagnetization detection
voltage
50
100
150
mV
tsup(xfmr_ring)
transformer ringing suppression
time
at start of secondary stroke
1.0
1.5
2.0
s
RC oscillator
VRC(min)
minimum voltage on pin RC
60
75
90
mV
VRC(max)
maximum voltage on pin RC
2.4
2.5
2.6
V
tch(RC)
charge time on pin RC
-
1
-
s
fosc
oscillator frequency
10
100
130
kHz
IBRIGHTNESS
current on pin BRIGHTNESS
VBRIGHTNESS =0V
20 24
28
A
Driver bleeder
Vth(HVDET)
threshold voltage on pin HVDET
46
52
56
V
Vth(low)ISENSE
low threshold voltage on pin
ISENSE
-
250 -
mV
Vth(high)ISENSE
high threshold voltage on pin
ISENSE
-
100 -
mV
ISB_DRV
current on pin SB_DRV
VSB_DRV  9 V
-
3.2
3.6
mA
IWB_DRV
current on pin WB_DRV
VWB_DRV  9 V
-
3.2
3.6
mA
VSB_DRV
voltage on pin SB_DRV
ISB_DRV = 0
-
-
12
V
ISB_DRV = 2.5 mA
10
-
-
V
during VCC start-up;
ISB_DRV =2.5 mA
[2] 5.5
-
-
V
VWB_DRV
voltage on pin WB_DRV
IWB_DRV = 0
-
-
12
V
IWB_DRV = 2.5 mA
10
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com