Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF7G22LS-130 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF7G22LS-130
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF7G22LS-130 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF7G22LS-130 Datasheet HTML 1Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 2Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 3Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 4Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 5Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 6Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 7Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 8Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BLF7G22L-130_7G22LS-130
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 18 November 2010
3 of 15
NXP Semiconductors
BLF7G22L-130; BLF7G22LS-130
Power LDMOS transistor
5.
Thermal characteristics
6.
Characteristics
7.
Test information
7.1 Ruggedness in class-AB operation
The BLF7G22L-130 and BLF7G22LS-130 are capable of withstanding a load mismatch
corresponding to VSWR = 10 : 1 through all phases under the following conditions:
VDS =28V; IDq =950 mA; PL = 130 W (CW); f = 2110 MHz.
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =80 °C; PL =30 W
0.35
K/W
Table 6.
Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ
Max Unit
V(BR)DSS drain-source breakdown voltage
VGS =0V; ID =1.5 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 150 mA
1.3
1.8
2.3
V
IDSS
drain leakage current
VGS =0V; VDS =28V
-
-
5
μA
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
25
29.5
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
450
nA
gfs
forward transconductance
VDS =10V; ID =7.5 A
-
10
11
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) + 3.75 V;
ID =5.25A
-
0.1
0.16
Ω
Table 7.
Functional test information
Mode of operation: 2-carrier W-CDMA; PAR = 8.4 dB at 0.01 % probability on the CCDF; 3GPP test
model 1; 64 DPCH; f1 =2112.5MHz; f2 = 2117.5 MHz; f3 = 2162.5 MHz; f4 = 2167.5 MHz;
RF performance at VDS =28V; IDq = 950 mA; Tcase =25 °C; unless otherwise specified; in a
class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PL(AV)
average output power
-
30
-
W
Gp
power gain
PL(AV) =30W
17
18.5 -
dB
RLin
input return loss
PL(AV) =30W
-
−15 −19
dB
η
D
drain efficiency
PL(AV) =30W
29
32
-
%
ACPR
adjacent channel power ratio
PL(AV) =30W
-
−31 −28
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com