Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF7G22LS-130 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF7G22LS-130
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF7G22LS-130 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF7G22LS-130 Datasheet HTML 1Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 2Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 3Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 4Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 5Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 6Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 7Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 8Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
130 W LDMOS power transistor for base station applications at frequencies from
2000 MHz to 2200 MHz.
[1]
Test signal: 3GPP; test model 1; 64 DPCH; PAR = 8.4 dB at 0.01 % probability on CCDF;
carrier spacing 5 MHz.
[2]
Test signal: 3GPP; test model 1; 64 DPCH; PAR = 7.2 dB at 0.01 % probability on CCDF.
1.2 Features and benefits
Excellent ruggedness
High efficiency
Low Rth providing excellent thermal stability
Designed for broadband operation (2000 MHz to 2200 MHz)
Lower output capacitance for improved performance in Doherty applications
Designed for low memory effects providing excellent digital pre-distortion capability
Internally matched for ease of use
Integrated ESD protection
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
RF power amplifiers for W-CDMA base stations and multi carrier applications in the
2000 MHz to 2200 MHz frequency range
BLF7G22L-130;
BLF7G22LS-130
Power LDMOS transistor
Rev. 3 — 18 November 2010
Product data sheet
Table 1.
Typical performance
Typical RF performance at Tcase = 25 °C in a common source class-AB production test circuit.
Mode of operation
f
IDq
VDS
PL(AV)
Gp
η
D
ACPR
(MHz)
(mA)
(V)
(W)
(dB)
(%)
(dBc)
2-carrier W-CDMA
2110 to 2170
950
28
30
18.5
32
−32[1]
1-carrier W-CDMA
2110 to 2170
950
28
33
18.5
33
−39[2]


Similar Part No. - BLF7G22LS-130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF7G22LS-130 NXP-BLF7G22LS-130 Datasheet
171Kb / 14P
Power LDMOS transistor
Rev. 01-2 February 2010
BLF7G22LS-130 NXP-BLF7G22LS-130 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BLF7G22LS-130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
Power LDMOS transistor
Rev. 01-27 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com