Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF7G22LS-130 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF7G22LS-130
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF7G22LS-130 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF7G22LS-130 Datasheet HTML 4Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 5Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 6Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 7Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 8Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 9Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 10Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 11Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BLF7G22L-130_7G22LS-130
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 18 November 2010
8 of 15
NXP Semiconductors
BLF7G22L-130; BLF7G22LS-130
Power LDMOS transistor
7.6 2-carrier W-CDMA (10 MHz carrier spacing)
Test signal: 3GPP; test model 1; 64 DPCH; PAR = 8.4 dB at 0.01 % probability on CCDF.
VDS = 28 V; IDq = 950 mA; carrier spacing 10 MHz.
(1) f = 2117.5 MHz
(2) f = 2140 MHz
(3) f = 2162.5 MHz
VDS = 28 V; IDq = 950 mA; carrier spacing 10 MHz.
(1) f = 2117.5 MHz
(2) f = 2140 MHz
(3) f = 2162.5 MHz
Fig 12. Power gain as a function of load power;
typical values
Fig 13. Drain efficiency as a function of load power;
typical values
VDS = 28 V; IDq = 950 mA; carrier spacing 10 MHz.
(1) f = 2117.5 MHz
(2) f = 2140 MHz
(3) f = 2162.5 MHz
VDS = 28 V; IDq = 950 mA; carrier spacing 10 MHz.
(1) f = 2117.5 MHz
(2) f = 2140 MHz
(3) f = 2162.5 MHz
Fig 14. Adjacent channel power ratio (5 MHz) as a
function of load power; typical values
Fig 15. Adjacent channel power ratio (10 MHz) as a
function of load power; typical values
001aal355
PL (W)
20
Gp
(dB)
15
17
19
16
18
070
30
60
40
50
10
20
(3)
(2)
(1)
001aal356
20
30
10
40
50
ηD
(%)
0
PL (W)
070
30
60
40
50
10
20
(1)
(2)
(3)
001aal357
PL (W)
0
ACPR5M
(dBc)
−60
−40
−20
070
30
60
40
50
10
20
(1)
(3)
(2)
001aal358
PL (W)
0
ACPR10M
(dBc)
−60
−40
−20
070
30
60
40
50
10
20
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com