Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF7G22LS-130 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF7G22LS-130
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF7G22LS-130 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF7G22LS-130 Datasheet HTML 2Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 3Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 4Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 5Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 6Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 7Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 8Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 9Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BLF7G22L-130_7G22LS-130
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 18 November 2010
6 of 15
NXP Semiconductors
BLF7G22L-130; BLF7G22LS-130
Power LDMOS transistor
7.4 1-carrier W-CDMA
Test signal: 3GPP; test model 1; 64 DPCH; PAR = 7.2 dB at 0.01 % probability on CCDF.
VDS = 28 V; IDq = 950 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
VDS = 28 V; IDq = 950 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
Fig 5.
Power gain as a function of load power;
typical values
Fig 6.
Drain efficiency as a function of load power;
typical values
VDS = 28 V; IDq = 950 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
VDS = 28 V; IDq = 950 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
Fig 7.
Adjacent channel power ratio (5MHz) as a
function of load power; typical values
Fig 8.
Peak-to-average power ratio as a function of
load power; typical values
001aal345
PL (W)
090
60
30
17
18
16
19
20
Gp
(dB)
15
(3)
(2)
(1)
001aal346
PL (W)
090
60
30
20
40
60
ηD
(%)
0
(1)
(2)
(3)
001aal348
PL (W)
090
60
30
−40
−20
0
ACPR5M
(dBc)
−60
(1)
(2)
(3)
001aal347
PL (W)
090
60
30
4
2
6
8
PAR
(dB)
0
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com