Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF7G22LS-130 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF7G22LS-130
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF7G22LS-130 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF7G22LS-130 Datasheet HTML 1Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 2Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 3Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 4Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 5Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 6Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 7Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 8Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BLF7G22L-130_7G22LS-130
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 18 November 2010
5 of 15
NXP Semiconductors
BLF7G22L-130; BLF7G22LS-130
Power LDMOS transistor
7.3 1 Tone CW
VDS = 28 V; IDq = 950 mA.
(1) f = 2110 MHz
(2) f = 2140 MHz
(3) f = 2170 MHz
VDS = 28 V; IDq = 950 mA.
(1) f = 2110 MHz
(2) f = 2140 MHz
(3) f = 2170 MHz
Fig 2.
Power gain as a function of load power;
typical values
Fig 3.
Drain efficiency as a function of load power;
typical values
VDS = 28 V; IDq = 950 mA.
(1) f = 2110 MHz
(2) f = 2140 MHz
(3) f = 2170 MHz
Fig 4.
Input return loss as a function of load power; typical values
PL (W)
0
160
120
40
80
001aal341
16
17
15
18
19
Gp
(dB)
14
(1)
(2)
(3)
PL (W)
0
160
120
40
80
001aal342
20
40
60
ηD
(%)
0
(1)
(2)
(3)
001aal352
PL (W)
0
RLin
(dB)
−30
−20
−10
070
30
60
40
50
10
20
(3)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com