Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF7G22LS-130 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF7G22LS-130
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF7G22LS-130 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF7G22LS-130 Datasheet HTML 6Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 7Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 8Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 9Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 10Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 11Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 12Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 13Page - NXP Semiconductors BLF7G22LS-130 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BLF7G22L-130_7G22LS-130
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 18 November 2010
10 of 15
NXP Semiconductors
BLF7G22L-130; BLF7G22LS-130
Power LDMOS transistor
8.
Package outline
Fig 17. Package outline SOT502A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT502A
99-12-28
03-01-10
0
5
10 mm
scale
Flanged LDMOST ceramic package; 2 mounting holes; 2 leads
SOT502A
p
L
A
F
b
D
U2
H
Q
c
1
3
2
D1
E
A
C
q
U1
C
B
E1
M
M
w2
UNIT
A
mm
D
b
12.83
12.57
0.15
0.08
20.02
19.61
9.53
9.25
19.94
18.92
9.91
9.65
4.72
3.43
c
U2
0.25
0.51
27.94
qw2
w1
F
1.14
0.89
U1
34.16
33.91
L
5.33
4.32
p
3.38
3.12
Q
1.70
1.45
EE1
9.50
9.30
inches
0.505
0.495
0.006
0.003
0.788
0.772
D1
19.96
19.66
0.786
0.774
0.375
0.364
0.785
0.745
0.390
0.380
0.186
0.135
0.01
0.02
1.100
0.045
0.035
1.345
1.335
0.210
0.170
0.133
0.123
0.067
0.057
0.374
0.366
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
w1
AB
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com