Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC2T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 9Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
6 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
10. Static characteristics
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
To guarantee the node switches, an external driver must source/sink at least IBHLO/IBHHO when the input is in the range VIL to VIH.
Table 7.
Typical static characteristics at Tamb = 25 °C
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −3 mA; VCCO =1.2 V
[1] -1.09
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 3 mA; VCCO =1.2 V
[1] -0.07
-
V
II
input leakage current
DIR input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
[2] --
±1
μA
IBHL
bus hold LOW current
A or B port; VI =0.42V; VCCI =1.2 V
[2] -19
-
μA
IBHH
bus hold HIGH current
A or B port; VI =0.78V; VCCI =1.2 V
[2] -
−19
-
μA
IBHLO
bus hold LOW overdrive
current
A or B port; VCCI = 1.2 V
[2][3] -19
-
μA
IBHHO
bus hold HIGH overdrive
current
A or B port; VCCI = 1.2 V
[2][3] -
−19
-
μA
IOZ
OFF-state output current
A or B port; VO =0 V or VCCO;
VCCO = 1.2 V to 5.5 V
[1] --
±1
μA
IOFF
power-off leakage current
A port; VI or VO = 0 V to 5.5 V;
VCC(A) =0V; VCC(B) = 1.2 V to 5.5 V
--
±1
μA
B port; VI or VO = 0 V to 5.5 V;
VCC(B) =0V; VCC(A) = 1.2 V to 5.5 V
--
±1
μA
CI
input capacitance
DIR input; VI = 0 V or 3.3 V;
VCC(A) =VCC(B) =3.3 V
-2.2
-pF
CI/O
input/output capacitance
A and B port; suspend mode;
VO =3.3 V or0 V; VCC(A) =VCC(B) =3.3 V
-6.0
-pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com