Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2T45 Datasheet HTML 1Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
2 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
Suspend mode
Latch-up performance exceeds 100 mA per JESD 78 Class II
±24 mA output drive (V
CC =3.0 V)
Inputs accept voltages up to 5.5 V
Low power consumption: 16
μA maximum I
CC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
−40 °Cto+85 °C and −40 °Cto+125 °C
3.
Ordering information
4.
Marking
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2T45DC
−40 °Cto+125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVCH2T45DC
74LVC2T45GT
−40 °Cto+125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVCH2T45GT
74LVC2T45GF
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
× 1 × 0.5 mm
SOT1089
74LVCH2T45GF
74LVC2T45GD
−40 °Cto+125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVCH2T45GD
74LVC2T45GM
−40 °Cto+125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
74LVCH2T45GM
74LVC2T45GN
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2
× 1.0 × 0.35 mm
SOT1116
74LVCH2T45GN
74LVC2T45GS
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
× 1.0 × 0.35 mm
SOT1203
74LVCH2T45GS
Table 2.
Marking
Type number
Marking code[1]
74LVC2T45DC
V45
74LVCH2T45DC
X45
74LVC2T45GT
V45
74LVCH2T45GT
X45
74LVC2T45GF
V5
74LVCH2T45GF
X5
74LVC2T45GD
V45
74LVCH2T45GD
X45
74LVC2T45GM
V45
74LVCH2T45GM
X45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com