Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVC2T45 Datasheet HTML 12Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 13Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 14Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 15Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 16Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 17Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 18Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 19Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
16 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
[1]
VCCI is the supply voltage associated with the data input port.
[2]
VCCO is the supply voltage associated with the output port.
[1]
VCCI is the supply voltage associated with the data input port.
[2]
dV/dt
≥ 1.0 V/ns.
[3]
VCCO is the supply voltage associated with the output port.
Table 14.
Measurement points
Supply voltage
Input[1]
Output[2]
VCC(A), VCC(B)
VM
VM
VX
VY
1.2 V to 1.6 V
0.5VCCI
0.5VCCO
VOL +0.1 V
VOH − 0.1 V
1.65 V to 2.7 V
0.5VCCI
0.5VCCO
VOL +0.15V
VOH − 0.15 V
3.0 V to 5.5 V
0.5VCCI
0.5VCCO
VOL +0.3 V
VOH − 0.3 V
Test data is given in Table 15.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance.
VEXT = External voltage for measuring switching times.
Fig 9.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 15.
Test data
Supply voltage
Input
Load
VEXT
VCC(A), VCC(B)
VI[1]
Δt/ΔV[2]
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ[3]
1.2 V to 5.5 V
VCCI
≤ 1.0ns/V
15pF
2 k
Ω
open
GND
2VCCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com