Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2T45 Datasheet HTML 1Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1.
General description
The 74LVC2T45; 74LVCH2T45 are dual bit, dual supply translating transceivers with
3-state outputs that enable bidirectional level translation. They feature two data
input-output ports (nA and nB), a direction control input (DIR) and dual supply pins (VCC(A)
and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage between 1.2 V and
5.5 V making the device suitable for translating between any of the low voltage nodes
(1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). Pins nA and DIR are referenced to VCC(A) and
pins nB are referenced to VCC(B). A HIGH on DIR allows transmission from nA to nB and a
LOW on DIR allows transmission from nB to nA.
The devices are fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing any damaging backflow current through the
device when it is powered down. In suspend mode when either VCC(A) or VCC(B) are at
GND level, both A port and B port are in the high-impedance OFF-state.
Active bus hold circuitry in the 74LVCH2T45 holds unused or floating data inputs at a valid
logic level.
2.
Features and benefits
Wide supply voltage range:
VCC(A): 1.2 V to 5.5 V
VCC(B): 1.2 V to 5.5 V
High noise immunity
Complies with JEDEC standards:
JESD8-7 (1.2 V to 1.95 V)
JESD8-5 (1.8 V to 2.7 V)
JESD8C (2.7 V to 3.6 V)
JESD36 (4.5 V to 5.5 V)
ESD protection:
HBM JESD22-A114F Class 3A exceeds 4000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Maximum data rates:
420 Mbps (3.3 V to 5.0 V translation)
210 Mbps (translate to 3.3 V))
140 Mbps (translate to 2.5 V)
75 Mbps (translate to 1.8 V)
60 Mbps (translate to 1.5 V)
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
Rev. 4 — 20 August 2010
Product data sheet


Similar Part No. - 74LVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Diodes Incorporated
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
logo
SG Micro Corp
74LVC2T45 SGMICRO-74LVC2T45 Datasheet
803Kb / 15P
2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation
JANUARY 2023 - REV. A.1
logo
Nexperia B.V. All right...
74LVC2T45-Q100 NEXPERIA-74LVC2T45-Q100 Datasheet
377Kb / 30P
Dual supply translating transceiver; 3-state
More results

Similar Description - 74LVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
Dual supply translating transceiver; 3-state
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com