Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2T45 Datasheet HTML 1Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 2Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 3Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 4Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 5Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
3 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
74LVC2T45GN
V5
74LVCH2T45GN
X5
74LVC2T45GS
V5
74LVCH2T45GS
X5
Table 2.
Marking …continued
Type number
Marking code[1]
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag577
DIR
1B
2B
7
6
1A
2A
5
2
3
VCC(A)
VCC(B)
001aag578
DIR
1B
2B
1A
2A
VCC(A)
VCC(B)
Fig 3.
Pin configuration SOT765-1
Fig 4.
Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203
74LVC2T45
74LVCH2T45
VCC(A)
VCC(B)
1A
1B
2A
2B
GND
DIR
001aai904
1
2
3
4
6
5
8
7
74LVC2T45
74LVCH2T45
2B
1B
VCC(B)
DIR
2A
1A
VCC(A)
GND
001aai905
36
27
18
45
Transparent top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com