Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 74LVC2T45 Datasheet HTML 14Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 15Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 16Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 17Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 18Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 19Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 20Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 21Page - NXP Semiconductors 74LVC2T45 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
18 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
a. HIGH to LOW propagation delay (A to B)
b. LOW to HIGH propagation delay (A to B)
c. HIGH to LOW propagation delay (B to A)
d. LOW to HIGH propagation delay (B to A)
(1) VCC(B) = 1.2 V.
(2) VCC(B) = 1.5 V.
(3) VCC(B) = 1.8 V.
(4) VCC(B) = 2.5 V.
(5) VCC(B) = 3.3 V.
(6) VCC(B) = 5.0 V.
Fig 11. Typical propagation delay versus load capacitance; Tamb = 25 °C; VCC(A) =1.5 V
CL (pF)
035
001aai911
14
tPHL
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(6)
(3)
(4)
(2)
CL (pF)
035
001aai912
14
tPLH
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(6)
(3)
(4)
(2)
CL (pF)
035
001aai913
14
tPHL
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(6)
(3)
(4)
(2)
CL (pF)
035
001aai914
14
tPLH
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(6)
(3)
(4)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com