Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8590TH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8590TH Datasheet HTML 1Page - NXP Semiconductors TDF8590TH Datasheet HTML 2Page - NXP Semiconductors TDF8590TH Datasheet HTML 3Page - NXP Semiconductors TDF8590TH Datasheet HTML 4Page - NXP Semiconductors TDF8590TH Datasheet HTML 5Page - NXP Semiconductors TDF8590TH Datasheet HTML 6Page - NXP Semiconductors TDF8590TH Datasheet HTML 7Page - NXP Semiconductors TDF8590TH Datasheet HTML 8Page - NXP Semiconductors TDF8590TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
2 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
4.
Block diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Block diagram
001aad834
VDDP2
VSSP1
DRIVER
HIGH
OUT2
BOOT2
TDF8590TH
DRIVER
LOW
RELEASE1
SWITCH1
ENABLE1
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
MANAGER
OSCILLATOR
TEMPERATURE SENSOR
CURRENT PROTECTION
VOLTAGE PROTECTION
STABI
MODE
INPUT
STAGE
mute
9
8
IN1M
IN1P
22
21
20
17
VSSP2
VSSP1
DRIVER
HIGH
DRIVER
LOW
RELEASE2
SWITCH2
ENABLE2
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
11
SGND1
7
OSC
2
SGND2
6
MODE
INPUT
STAGE
mute
5
4
IN2M
IN2P
OUT1
BOOT1
15
16
19
24
VSSD
n.c.
1
VSSA2
12
VSSA1
3
VDDA2
10
VDDA1
23
13
18
14
VDDP2
DIAG
STABI
VDDP1
Fig 2.
Pin configuration
TDF8590TH
VSSD
VSSA2
VDDP2
SGND2
BOOT2
VDDA2
OUT2
IN2M
VSSP2
IN2P
n.c.
MODE
STABI
OSC
VSSP1
IN1P
OUT1
IN1M
BOOT1
VDDA1
VDDP1
SGND1
DIAG
VSSA1
001aad835
24
23
22
21
20
19
18
17
16
15
14
13
11
12
9
10
7
8
5
6
3
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com