Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8590TH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 3 Page - NXP Semiconductors

  TDF8590TH Datasheet HTML 1Page - NXP Semiconductors TDF8590TH Datasheet HTML 2Page - NXP Semiconductors TDF8590TH Datasheet HTML 3Page - NXP Semiconductors TDF8590TH Datasheet HTML 4Page - NXP Semiconductors TDF8590TH Datasheet HTML 5Page - NXP Semiconductors TDF8590TH Datasheet HTML 6Page - NXP Semiconductors TDF8590TH Datasheet HTML 7Page - NXP Semiconductors TDF8590TH Datasheet HTML 8Page - NXP Semiconductors TDF8590TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
3 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
5.2 Pin description
[1]
The heatsink is internally connected to pin VSSD.
6.
Functional description
6.1 Introduction
The TDF8590TH is a dual channel audio power amplifier using class-D technology. The
audio input signal is converted into a Pulse Width Modulated (PWM) signal via an analog
input stage and PWM modulator. To enable the output power transistors to be driven, this
digital PWM signal is applied to a control and handshake block and driver circuits for both
the high-side and low-side. An external 2nd-order low-pass filter converts the PWM output
signal to an analog audio signal across the loudspeakers.
Table 2.
Pin description
Symbol
Pin
Description
VSSA2
1
negative analog supply voltage for channel 2
SGND2
2
signal ground for channel 2
VDDA2
3
positive analog supply voltage for channel 2
IN2M
4
negative audio input for channel 2
IN2P
5
positive audio input for channel 2
MODE
6
mode selection input: standby, mute or operating
OSC
7
oscillator frequency adjustment or tracking input
IN1P
8
positive audio input for channel 1
IN1M
9
negative audio input for channel 1
VDDA1
10
positive analog supply voltage for channel 1
SGND1
11
signal ground for channel 1
VSSA1
12
negative analog supply voltage for channel 1
DIAG
13
diagnostic for activated current protection
VDDP1
14
positive power supply voltage for channel 1
BOOT1
15
bootstrap capacitor for channel 1
OUT1
16
PWM output from channel 1
VSSP1
17
negative power supply voltage for channel 1
STABI
18
decoupling of internal stabilizer for logic supply
n.c.
19
not connected
VSSP2
20
negative power supply voltage for channel 2
OUT2
21
PWM output from channel 2
BOOT2
22
bootstrap capacitor for channel 2
VDDP2
23
positive power supply voltage for channel 2
VSSD
24
negative digital supply voltage[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com