Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8590TH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDF8590TH Datasheet HTML 12Page - NXP Semiconductors TDF8590TH Datasheet HTML 13Page - NXP Semiconductors TDF8590TH Datasheet HTML 14Page - NXP Semiconductors TDF8590TH Datasheet HTML 15Page - NXP Semiconductors TDF8590TH Datasheet HTML 16Page - NXP Semiconductors TDF8590TH Datasheet HTML 17Page - NXP Semiconductors TDF8590TH Datasheet HTML 18Page - NXP Semiconductors TDF8590TH Datasheet HTML 19Page - NXP Semiconductors TDF8590TH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
16 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
Peak output current, internally limited to 8 A:
SE:
A
BTL:
A
Variables:
RL = load resistance
Rs(L) = series resistance of the filter coil
RDSon(hs) = high side drain source on-state resistance (temperature dependent)
RDSon(ls) = low side drain source on-state resistance (temperature dependent)
fosc = oscillator frequency
tw(min) = minimum pulse width (typical 150 ns, temperature dependent)
VP = supply voltage [or 0.5 (VDD + VSS)]
Po(0.5%) = output power at the onset of clipping
IOM should be below 8 A (see Section 7). IOM is the sum of the current through the load
and the ripple current. The value of the ripple current is dependent on the coil inductance
and voltage drop over the coil.
12.3 External clock
If two or more class-D amplifiers are used it is recommended that all devices run at the
same switching frequency. This can be realized by connecting all OSC pins together and
feed them from an external oscillator.
The internal oscillator requires an external Rext(OSC) and Cext(OSC) between pins OSC and
VSSA. For application of an external oscillator it is necessary to force OSC to a DC level
above SGND. The internal oscillator is disabled and the PWM modulator will switch with
the external frequency. The duty cycle of the external clock should be between 47.5 %
and 52.5 %.
The noise contribution of the internal oscillator is supply voltage dependent. In low noise
applications running at high supply voltage an external low noise oscillator is
recommended.
12.4 Noise
Noise should be measured using a high-order low-pass filter with a cut-off frequency of
20 kHz. The standard audio band pass filters used in audio analyzers do not suppress the
residue of the carrier frequency sufficiently to ensure a reliable measurement of the
audible noise. Noise measurements should preferably be carried out using AES 17 (Brick
Wall) filters or the Audio Precision AUX 0025 filter, which was designed especially for
measuring switching (class-D) amplifiers.
I
OM
V
P
1t
w min
()
–
f
osc
×
()
×
R
L
R
DSon hs
()
R
sL
()
++
------------------------------------------------------------
=
I
OM
2V
P
1t
w min
()
–
f
osc
×
()
–
R
L
R
DSon hs
()
R
DSon ls
()
+
() 2R
sL
()
++
-------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com