Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8590TH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDF8590TH Datasheet HTML 17Page - NXP Semiconductors TDF8590TH Datasheet HTML 18Page - NXP Semiconductors TDF8590TH Datasheet HTML 19Page - NXP Semiconductors TDF8590TH Datasheet HTML 20Page - NXP Semiconductors TDF8590TH Datasheet HTML 21Page - NXP Semiconductors TDF8590TH Datasheet HTML 22Page - NXP Semiconductors TDF8590TH Datasheet HTML 23Page - NXP Semiconductors TDF8590TH Datasheet HTML 24Page - NXP Semiconductors TDF8590TH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
21 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
12.8 Curves measured in reference design
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
a. VP = ±27 V; RL =4 Ω.b. VP = ±18 V; RL =2 Ω.
Fig 12. Total harmonic distortion as a function of output power, SE application
001aad845
Po (W)
10−1
102
10
1
10−1
10−2
10
1
102
THD
(%)
10−3
(1)
(2)
(3)
001aad846
Po (W)
10−1
102
10
1
10−1
10−2
10
1
102
THD
(%)
10−3
(3)
(2)
(1)
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
a. VP = ±27 V; RL =8 Ω
b. VP = ±18 V; RL =4 Ω
Fig 13. Total harmonic distortion as a function of output power, BTL application
001aad847
10−1
10−2
10
1
102
THD
(%)
10−3
Po (W)
10−1
103
102
110
(3)
(2)
(1)
001aad848
10−1
10−2
10
1
102
THD
(%)
10−3
Po (W)
10−1
103
102
110
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com