Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8590TH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF8590TH Datasheet HTML 9Page - NXP Semiconductors TDF8590TH Datasheet HTML 10Page - NXP Semiconductors TDF8590TH Datasheet HTML 11Page - NXP Semiconductors TDF8590TH Datasheet HTML 12Page - NXP Semiconductors TDF8590TH Datasheet HTML 13Page - NXP Semiconductors TDF8590TH Datasheet HTML 14Page - NXP Semiconductors TDF8590TH Datasheet HTML 15Page - NXP Semiconductors TDF8590TH Datasheet HTML 16Page - NXP Semiconductors TDF8590TH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
13 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
10. Dynamic characteristics
10.1 Dynamic characteristics (SE)
[1]
Rs(L) is the series resistance of inductor of low-pass LC filter in the application.
[2]
Output power is measured indirectly; based on RDSon measurement (see Section 12.3).
[3]
THD is measured in a bandwidth of 22 Hz to 20 kHz, AES brick wall. Maximum limit is guaranteed but may not be 100 % tested.
[4]
Vripple = Vripple(max) = 2 V (peak-to-peak value); source resistance RS = 0 Ω.
[5]
Frequency bandwidth B = 22 Hz to 20 kHz, AES brick wall (see Section 12.4).
[6]
B = 22 Hz to 20 kHz, AES brick wall, independent of RS (see Section 12.4).
[7]
Vi(CM) is the input common mode voltage.
Table 8.
Dynamic characteristics (SE)
VP = ±27 V; RL = 4 Ω; fi = 1 kHz; fosc = 310 kHz; Rs(L) < 0.1 Ω [1]; Tamb = −40 °C to +85 °C; Tj = −40 °C to +150 °C; unless
otherwise specified. See Section 12.7 for the SE application schematics. The 2nd-order demodulation filter coil is referred to
as L and the capacitor as C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
L = 10
µH; C=1 µF; T
j =85 °C; RL =2 Ω;
VP = ±18 V; THD = 0.5 %
[2] -48
-
W
L=10
µH; C=1 µF; Tj =85 °C; RL =2 Ω;
VP = ±18 V; THD = 10 %
[2] -60
-
W
L = 22
µH; C = 680 nF; Tj = 85 °C;
RL =4 Ω; VP = ±27 V; THD = 0.5 %
[2] -65
-
W
L = 22
µH; C = 680 nF; Tj = 85 °C;
RL =4 Ω; VP = ±27 V; THD = 10 %
[2] -80
-
W
IOM
peak output current
current limiting, see Section 6.4.3
8
--A
THD
total harmonic distortion
Po = 1 W; fi = 1 kHz
[3] -
0.02
0.2
%
Po = 1 W; fi = 10 kHz
[3] -
0.10
-
%
Gv(cl)
closed-loop voltage gain
25
26
27
dB
SVRR
supply voltage rejection
ratio
operating; fripple = 100 Hz
[4] -55
-
dB
operating; fripple = 1 kHz
[4] 40
50
-
dB
mute; fripple = 1 kHz
[4] -55
-
dB
standby; fripple = 100 Hz
[4] -80
-
dB
|Zi(dif)|
differential input
impedance
between the input pins INP and INM
45
68
-
k
Ω
Vn(o)
noise output voltage
operating; VP = ±27 V; RS = 0 Ω
[5] -
170
-
µV
operating; VP = ±18 V; RS = 0 Ω
[5] -
145
-
µV
mute; VP = ±27 V
[6] -
125
-
µV
mute; VP = ±18 V
[6] -85
-
µV
αcs
channel separation
Po = 1 W; RS = 0 Ω; fi = 1 kHz
-
70
-
dB
|∆Gv|
voltage gain difference
-
-
1
dB
αmute
mute attenuation
fi = 1 kHz; Vin = 1 V (RMS value)
-
73
-
dB
CMRR
common mode rejection
ratio
fi(CM) = 1 kHz; Vi(CM) = 1 V (RMS value)
[7] -75
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com