Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8590TH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDF8590TH Datasheet HTML 6Page - NXP Semiconductors TDF8590TH Datasheet HTML 7Page - NXP Semiconductors TDF8590TH Datasheet HTML 8Page - NXP Semiconductors TDF8590TH Datasheet HTML 9Page - NXP Semiconductors TDF8590TH Datasheet HTML 10Page - NXP Semiconductors TDF8590TH Datasheet HTML 11Page - NXP Semiconductors TDF8590TH Datasheet HTML 12Page - NXP Semiconductors TDF8590TH Datasheet HTML 13Page - NXP Semiconductors TDF8590TH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
10 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
7.
Limiting values
Input resistors are referred to SGND.
a. Internal circuitry
b. External connections
Fig 8.
Input configuration for mono BTL application
001aad841
IN1P
SGND
IN1M
IN2P
IN2M
Vin
IN1P
OUT1
power stage
mbl466
OUT2
SGND
IN1M
IN2P
IN2M
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
VDDP1 and VDDA1 referred to
SGND1; VDDP2 and VDDA2 referred
to SGND2
−0.3
+34
V
VSS
negative supply voltage
VSSP1 and VSSA1 referred to
SGND1; VSSP2 and VSSA2 referred
to SGND2
−34
+0.3
V
VP
supply voltage
−0.3
+66
V
IOSM
non-repetitive peak output current
-
12
A
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
−40
+150
°C
VBOOT1
voltage on pin BOOT1
referred to OUT1
[1] 014
V
VBOOT2
voltage on pin BOOT2
referred to OUT2
[1] 014
V
VSTABI
voltage on pin STABI
referred to VSSD
[2] -14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com