Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450 Datasheet(PDF) 85 Page - Intel Corporation

Part # 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450 Datasheet(HTML) 85 Page - Intel Corporation

Back Button 450 Datasheet HTML 81Page - Intel Corporation 450 Datasheet HTML 82Page - Intel Corporation 450 Datasheet HTML 83Page - Intel Corporation 450 Datasheet HTML 84Page - Intel Corporation 450 Datasheet HTML 85Page - Intel Corporation 450 Datasheet HTML 86Page - Intel Corporation 450 Datasheet HTML 87Page - Intel Corporation 450 Datasheet HTML 88Page - Intel Corporation 450 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Datasheet
85
Thermal Specifications and Design Considerations
.
.
Figure 20.
Conceptual Fan Control on PECI-Based Platforms
Min
Max
Fan Speed
(RPM)
TCONTROL
Setting
TCC Activation
Temperature
PECI = 0
PECI = -10
PECI = -20
Temperature
Note: Not intended to depict actual implementation
Figure 21.
Conceptual Fan Control on Thermal Diode-Based Platforms
Min
Max
Fan Speed
(RPM)
TCONTROL
Setting
TCC Activation
Temperature
TDIODE = 90 °C
TDIODE = 80 °C
TDIODE = 70 °C
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com