Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450 Datasheet(PDF) 32 Page - Intel Corporation

Part # 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 450 Datasheet HTML 28Page - Intel Corporation 450 Datasheet HTML 29Page - Intel Corporation 450 Datasheet HTML 30Page - Intel Corporation 450 Datasheet HTML 31Page - Intel Corporation 450 Datasheet HTML 32Page - Intel Corporation 450 Datasheet HTML 33Page - Intel Corporation 450 Datasheet HTML 34Page - Intel Corporation 450 Datasheet HTML 35Page - Intel Corporation 450 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
Electrical Specifications
32
Datasheet
2.8.5
BCLK[1:0] Specifications (CK410 based Platforms)
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Crossing voltage is defined as the instantaneous voltage value when the rising edge of
BCLK0 equals the falling edge of BCLK1.
3.
V
Havg is the statistical average of the VH measured by the oscilloscope.
4.
Overshoot is defined as the absolute value of the maximum voltage.
5.
Undershoot is defined as the absolute value of the minimum voltage.
6.
Ringback Margin is defined as the absolute voltage difference between the maximum
Rising Edge Ringback and the maximum Falling Edge Ringback.
7.
Threshold Region is defined as a region entered around the crossing point voltage in which
the differential receiver switches. It includes input threshold hysteresis.
8.
The crossing point must meet the absolute and relative crossing point specifications
simultaneously.
9.
V
Havg can be measured directly using “Vtop” on Agilent* oscilloscopes and “High” on
Tektronix* oscilloscopes.
Table 18.
Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit Figure Notes1
V
L
Input Low Voltage
-0.150
0.00
0
N/A
V
3
-
V
H
Input High Voltage
0.660
0.70
0
0.850
V
3
-
V
CROSS(abs)
Absolute Crossing
Point
0.250
N/A
0.550
V
3, 4
2, 8
V
CROSS(rel)
Relative Crossing Point
0.250 +
0.5(
V
Havg – 0.700)
N/A
0.550 +
0.5(
V
Havg – 0.700)
V
3, 4
3, 8, 9
ΔV
CROSS
Range of Crossing
Points
N/A
N/A
0.140
V
3, 4
-
V
OS
Overshoot
N/A
N/A
V
H + 0.3
V
3
4
V
US
Undershoot
-0.300
N/A
N/A
V
3
5
V
RBM
Ringback Margin
0.200
N/A
N/A
V
3
6
V
TM
Threshold Region
VCROSS – 0.100
N/A
VCROSS + 0.100
V
3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com